Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXRFD631 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXRFD631
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 5 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation IXRFD631 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
30 A Low-Side RF MOSFET Driver
IXRFD631
Peak Source Current vs. Temperature
Vcc = 15V
0
5
10
15
20
25
30
35
-50
0
50
100
Temperature (°C)
Peak Sink Current vs. Temperature
Vcc = 15V
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-50
0
50
100
Temperature (°C)
Peak Source Current vs. Supply Voltage
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
Supply Voltage (V)
Peak Sink Current vs. Supply Voltage
-70
-60
-50
-40
-30
-20
-10
0
0
10
20
30
40
Supply Voltage (V)
Rise Time Normalized vs. Temperature
Vcc = 15V
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
Temperature (°C)
Fall Time Normalized vs. Temperature
Vcc = 15V
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
0
50
100
Temperature (°C)
Fig, 14
Fig, 15
Fig, 16
Fig, 17
Fig, 18
Fig, 19



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com