Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXRFD631 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXRFD631
Description  30 A Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 2 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation IXRFD631 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
30 A Low-Side RF MOSFET Driver
IXRFD631
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted, TA = 25° C, 8V < VCC < 30V.
All voltage measurements with respect to GND. IXRFD631 configured as described in Test Conditions.
Parameter
Value
Supply Voltage VCC
30 V
All Other Pins
-0.3 V to VCC +0.3 V
Power Dissipation
TA( AMBIENT) ≤ 25°C
TC (CASE) ≤ 25°C
2 W
100 W
Storage Temperature
-40° C to 150° C
Soldering Lead Temperature
(10 seconds maximum)
300° C
Input Voltage Level VIN
-5 V to VCC + 0.3 V
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures when handling and
assembling.
Parameter
Value
Maximum Junction Temperature
150° C
Operating Temperature Range
-40° C to 85° C
Thermal Impedance (Junction to Case) RӨJC
0.25° C/W
Note: Operating the device outside of the “Absolute Maximum Rat-
ings” may cause permanent damage. Typical values indicate condi-
tions for which the device is intended to be functional but do not
guarantee specific performance limits. The guaranteed specifica-
tions apply only for the test conditions listed. Exposure to absolute
maximum conditions for extended periods may impact device reli-
ability.
Symbol
Parameter
Test Conditions
Typ
Max
Units
VIH
High input voltage
VCC = 15V for typical value
3
V
VIL
Low input voltage
VCC = 15V for typical value
2.8
0.8
V
VHYS
Input hysteresis
0.23
V
VIN
Input voltage range
VCC + 0.3
V
IIN
Input current
0V≤ VIN ≤ VCC
10
A
VOH
High output voltage
V
VOL
Low output voltage
0.025
V
ROH
High output resistance
VCC = 15V IOUT = 100mA
0.25
ROL
Low output resistance
VCC = 15V IOUT = 100mA
0.17
IPEAK
Peak output current
VCC = 15V
28
A
IDC
Continuous output current
2.5
A
tR
Rise time
VCC=15V CL=1nF
CL=2nF
4
5
ns
ns
tF
Fall time
VCC =15V CL=1nF
CL=2nF
4
5.5
ns
ns
tONDLY
ON propagation delay
VCC=15V CL=2nF
24
ns
tOFFDLY
OFF propagation delay
VCC=15V CL=2nF
22
ns
PWmin
Minimum pulse width
FWHM VCC=15V CL=1nF
8
ns
VCC
Power supply voltage
Recommended
8
15
18
V
ICC
Power supply current
VCC = 15V VIN = 0V
VCC = 15V VIN = 3.5V
VCC = 15V VIN = VCC
0
1
0
1
3
5
mA
mA
mA
3.5
-5
-10
VCC - 0.025
Min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com