Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS4435 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS4435
Description  Single P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4435 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS4435 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FS4435
Rev. 1.5
3/6
1.
Features
1.1
Low on-resistance
1.1.1
RDS(ON) = 25 mΩ MAX. (VGS = -10V, ID = -10A)
1.1.2
RDS(ON) = 36 mΩ MAX. (VGS = -5V, ID = -5A)
2.
Applications
Power management
Load switch
Battery protection
3.
Ordering Information
Product Number
Description
Package Type
Quantity/Reel
FS4435
SOP-8 package version
SOP-8
3,000
4.
Pin Assignment
5.
Limiting Values
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±25
V
ID @TA = 25℃
Continuous Drain Current3
-10.5
A
ID @TA = 70℃
Continuous Drain Current3
-8
A
IDM
Pulsed Drain Current1
-80
A
PD @TA = 25℃
Total Power Dissipation
3.1
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Is
Diode Forward Current
-3.5
A
G
S
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com