Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS4435 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS4435
Description  Single P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4435 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

  FS4435 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FS4435
Rev. 1.5
6/6
9.
Package Information
10. Revision History
Version
Date
Page
Description
1.0
2010/12/21
-
Version 1.0 released
1.1
2011/02/18
4
Revise RDS(ON) VGS = -10V, ID = -8.8A TYP:15mΩ
MAX:20mΩ
VGS = -4.5V, ID = -6.7A TYP:22mΩ
MAX:35mΩ
1.2
2011/03/08
4
Revise RDS(ON) VGS = -20V, ID = -11A TYP:16mΩ
MAX:19mΩ
VGS = -10V, ID = -10A TYP:19mΩ
MAX:25mΩ
VGS = -5V, ID = -5A TYP:27mΩ
MAX:36mΩ
VGS(th)
MIN = -1V, TYP = -1.7V, MAX = -3V
1.3
2011/05/19
4
Delete Test Conditions RDS(ON):VGS=-20V ID=-11A
1.4
2011/05/26
3
Revise Applications
1.5
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com