Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS4435 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS4435
Description  Single P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4435 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS4435 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS4435
Rev. 1.5
4/6
6.
Thermal Data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
Max.
75
℃/W
7.
Electrical Characteristics
Electrical Characteristics @Tj = 25℃ ( unless otherwise specified )
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250uA
-30
-
-
V
RDS(ON)
1
Static Drain-Source On-Resistance
2
VGS = -10V, ID = -10A
-
19
25
mΩ
VGS = -5V, ID = -5A
-
27
36
mΩ
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250uA
-1
-1.7
-3
V
IDSS
Drain-Source Leakage Current (Tj = 25℃)
VDS =-30V VGS = 0V
-
-
-1
uA
Drain-Source Leakage Current (Tj = 55℃)
VDS =-30V VGS = 0V
-
-
-5
uA
IGSS
Gate-Source Leakage
VGS = ±25V VDS =0V
-
-
±100
nA
Diode Characteristics
VSD
1
Diode Forward Voltage
ISD=-1A,VGS=0V
-0.75
-1.0
V
trr
Reverse Recovery Time
ISD=-10A,dISD/dt=100A/
μs
25
30
ns
Qrr
Reverse Recovery Charge
12
nC
Dynamic Characteristics
2
RG
Gate Resistance
VGS=VDS=0V,F=1MHz
1
5.8
8
Ω
Ciss
Input Capacitance
VGS=0V,VDS=-15V
Frequency=1MHz
1130
1400
pF
Coss
Output Capacitance
240
Crss
Reverse Transfer Capacitance
155
td(on)
Turn-on Delay Time
VGS=-10V,VDS=-15V,
RG=3Ω,RL=1.5Ω,
8.7
ns
tr
Turn-on Rise Time
8.5
td(off)
Turn-off Delay Time
18
tf
Turn-off Rise Time
7
Gate Charge Characteristics
2
Qg(10V)
Total Gate Charge
VGS=-10V,VDS=-15V,
IDS=-11A
18
24
nC
Qg(4.5V)
Total Gate Charge
9.5
Qgs
Gate-Source Charge
5.5
Qgd
Gate-Drain Charge
3.3
Notes:
1.
Pulse width ≦ 300us, duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com