Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS4435 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS4435
Description  Single P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS4435 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS4435 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS4435 Datasheet HTML 6Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FS4435
Rev. 1.5
5/6
8.
Typical Characteristics
BVDSS
-34.5
-34
-33.5
-33
-32.5
-32
-31.5
-31
-1200
-1000
-800
-600
-400
-200
0
Drain Source Current ( uA )
25 deg
125 deg
VSD
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.4
0.5
0.6
0.7
0.8
0.9
Voltage ( V )
25 deg
125 deg
Fig 1. Drain-Source Breakdown Voltage
Fig 2. Doide Forward Voltage
RDS_IDS=-11A
0
10
20
30
40
50
60
02
46
8
10
12
Gate Source Voltage ( V )
25 deg
125 deg
RDS_IDS=-8A
0
10
20
30
40
50
02
46
8
10
12
Gate Source Voltage ( V )
25 deg
125 deg
Fig 3.Static Drain-Source On-Resistance
Fig 4. Static Drain-Source On-Resistance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com