Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX8722 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8722 Datasheet HTML 3Page - Maxim Integrated Products MAX8722 Datasheet HTML 4Page - Maxim Integrated Products MAX8722 Datasheet HTML 5Page - Maxim Integrated Products MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products MAX8722 Datasheet HTML 10Page - Maxim Integrated Products MAX8722 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Low-Cost CCFL Backlight Controller
_______________________________________________________________________________________
7
50% BRIGHTNESS DIGITAL
PWM OPERATION (VCNTL = 1V)
MAX8722 toc07
2ms/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VCOMP, 1V/div
D: VDPWM, 5V/div
DIGITAL PWM SOFT-START
MAX8722 toc08
40µs/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VCOMP, 1V/div
D: VDPWM, 5V/div
DIGITAL PWM SOFT-STOP
MAX8722 toc09
40µs/div
0V A
0V B
0V
C
0V
D
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VCOMP, 1V/div
D: VDPWM, 5V/div
SWITCHING FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
20
16
12
48
51
54
57
60
45
824
4ms/div
SECONDARY OVERCURRENT
PROTECTION AND TIMEOUT
0V
0V
MAX8722 toc11
A: VISEC, 500mV/div
B: VTFLT, 2V/div
A
B
200ms/div
LAMP-OUT VOLTAGE LIMITING
AND TIMEOUT
0V
0V
0V
MAX8722 toc10
A: VIFB, 2V/div
B: VVFB, 2V/div
C: VTFLT, 5V/div
A
B
C
Typical Operating Characteristics (continued)
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com