Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX8722 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products MAX8722 Datasheet HTML 10Page - Maxim Integrated Products MAX8722 Datasheet HTML 11Page - Maxim Integrated Products MAX8722 Datasheet HTML 12Page - Maxim Integrated Products MAX8722 Datasheet HTML 13Page - Maxim Integrated Products MAX8722 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Low-Cost CCFL Backlight Controller
10
______________________________________________________________________________________
PIN
NAME
FUNCTION
18
GH1
High-Side MOSFET NH1 Gate-Driver Output
19
GL1
Low-Side MOSFET NL1 Gate-Driver Output
20
GL2
Low-Side MOSFET NL2 Gate-Driver Output
21
PGND
Power Ground. PGND is the return for the GL1 and GL2 gate drivers.
22
VDD
Low-Side Gate-Driver Supply Input. Connect VDD to the output of the internal linear regulator (VCC). Bypass
VDD with a 0.1µF capacitor to PGND.
23
VCC
5.3V/10mA Internal Linear-Regulator Output. VCC is the supply voltage for the device. Bypass VCC with a
1µF ceramic capacitor to GND.
24
GND
Analog Ground. The ground return for VCC, REF, and other analog circuitry. Connect GND to PGND under
the IC at the IC’s backside exposed metal pad.
Pin Description (continued)
MAX8722
GND
GH2
LX2
BST2
BST1
LX1
GH1
GL1
VDD
BATT
IFB
VFB
GL2
ISEC
CNTL
ILIM
FREQ
SYNC
PGND
COMP
VIN
VCC
DPWM
TFLT
VCC
VCC
D1
SHDN
GND
ON/OFF
BRIGHTNESS
SYNC
DPWM
C8
0.1µF
C9
0.47µF
R4
100kΩ
R5
200kΩ
R6
169kΩ
1%
C10
0.01µF
C11
0.22µF
C1
4.7µF
25V
C7
0.47µF
C6
0.1µF
C5
0.1µF
NH1
NH2
NL1
NL2
C2
1µF
T1
CCFL
C3
18pF
3kV
C4
15nF
R3
40.2Ω
1%
R1
150Ω
1%
F1
2A
Figure 1. Typical Operating Circuit of the MAX8722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com