Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX8722 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8722 Datasheet HTML 1Page - Maxim Integrated Products MAX8722 Datasheet HTML 2Page - Maxim Integrated Products MAX8722 Datasheet HTML 3Page - Maxim Integrated Products MAX8722 Datasheet HTML 4Page - Maxim Integrated Products MAX8722 Datasheet HTML 5Page - Maxim Integrated Products MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Cost CCFL Backlight Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT to GND..........................................................-0.3V to +30V
BST1, BST2 to GND ...............................................-0.3V to +36V
BST1 to LX1, BST2 to LX2 ........................................-0.3V to +6V
CNTL, FREQ, SYNC, VCC, VDD to GND ...................-0.3V to +6V
COMP, DPWM, ILIM, TFLT to GND ............-0.3V to (VCC + 0.3V)
GH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
GH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
GL1, GL2 to GND .......................................-0.3V to (VDD + 0.3V)
IFB, ISEC, VFB to GND................................................-3V to +6V
SHDN to GND...........................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C above +70°C)........761.9mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = VDD = VBATT
4.6
5.5
BATT Input Voltage Range
VCC = VDD = open
5.5
28.0
V
VBATT = 28V
1
2
BATT Quiescent Current
VSHDN = VCC, VIFB = 1V
VBATT = VCC = 5V
2
mA
BATT Quiescent Current,
Shutdown
SHDN = GND
6
20
µA
VCC Output Voltage, Normal
Operation
VSHDN = 5.5V, 6V < VBATT < 28V,
0 < ILOAD < 10mA
5.25
5.40
5.55
V
VCC Output Voltage, Shutdown
SHDN = GND, no load
3.5
4.6
5.5
V
VCC rising (leaving lockout)
4.58
VCC Undervoltage-Lockout
Threshold
VCC falling (entering lockout)
4.0
V
VCC Undervoltage-Lockout
Hysteresis
200
mV
GH1, GH2, GL1, GL2 On-
Resistance, High
ITEST = 10mA, VCC = VDD = 5.3V
20
37
GH1, GH2, GL1, GL2 On-
Resistance, Low
ITEST = 10mA, VCC = VDD = 5.3V
10
20
GH1, GH2, GL1, GL2 Maximum
Output Current
0.3
A
BST1, BST2 Leakage Current
VBST_ = 12V, VLX_ = 7V
5
µA
Resonant Frequency Range
Guaranteed by design
30
80
kHz
Minimum Off-Time
340
470
600
ns
Maximum Off-Time
24
33
43
µs
Current-Limit Threshold
LX1 to PGND, LX2 to PGND
(Fixed)
ILIM = VCC
180
200
220
mV
VILIM = 0.5V
80
100
120
Current-Limit Threshold
LX1 to PGND, LX2 to PGND
(Adjustable)
VILIM = 2.0V
370
400
430
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com