Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX8722 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8722
Description  Low-Cost CCFL Backlight Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8722 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8722 Datasheet HTML 1Page - Maxim Integrated Products MAX8722 Datasheet HTML 2Page - Maxim Integrated Products MAX8722 Datasheet HTML 3Page - Maxim Integrated Products MAX8722 Datasheet HTML 4Page - Maxim Integrated Products MAX8722 Datasheet HTML 5Page - Maxim Integrated Products MAX8722 Datasheet HTML 6Page - Maxim Integrated Products MAX8722 Datasheet HTML 7Page - Maxim Integrated Products MAX8722 Datasheet HTML 8Page - Maxim Integrated Products MAX8722 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Low-Cost CCFL Backlight Controller
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1. VBATT = 12V, VCC = VDD, VSHDN = 5.3V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VILIM = 0.5V
80
120
Current-Limit Threshold
LX1 - PGND, LX2 - PGND
(Adjustable)
VILIM = 2.0V
370
430
mV
Zero-Current Crossing Threshold
LX1 - GND, LX2 - GND
112
mV
Current-Limit Leading Edge
Blanking
240
460
ns
IFB Input Voltage Range
-2
+2
V
IFB Regulation Point
770
810
mV
0 < VIFB < 2V
-2
+2
IFB Input Bias Current
-2V < VIFB < 0
-150
µA
IFB Lamp-Out Threshold
560
640
mV
IFB to COMP Transconductance
0.5V < VCOMP < 4V
60
160
µS
COMP Output Impedance
718
M
ISEC Overcurrent Threshold
1.15
1.28
V
VFB Overvoltage Threshold
2.2
2.4
V
DPWM Chopping Frequency
RFREQ = 169kΩ
200
218
Hz
DPWM Input Low Voltage
SYNC = VCC, RFREQ = 169kΩ
0.8
V
DPWM Input High Voltage
SYNC = VCC, RFREQ = 169kΩ
2.1
V
DPWM Output Low Resistance
SYNC = GND, FREQ = VCC
2.4
k
DPWM Output High Resistance
SYNC = VCC, FREQ = VCC
2.4
k
SYNC Input Low Voltage
0.8
V
SYNC Input High Voltage
2.1
V
SYNC Input Bias Current
VSYNC = 2V
-0.3
+0.3
µA
SYNC Input Frequency Range
10
50
kHz
CNTL Minimum Duty-Cycle
Threshold
0.20
0.26
V
CNTL Maximum Duty-Cycle
Threshold
1.9
2.1
V
SHDN Input Low Voltage
0.8
V
SHDN Input High Voltage
2.1
V
FREQ Dual-Mode Input High
Level
VCC -
0.35
V
TFLT Trip Threshold
3.95
4.20
V
Note 1: Specifications to -40°C are guaranteed by design based on final characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com