Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2916 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # AS2916
Description  PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

AS2916 Datasheet(HTML) 3 Page - Princeton Technology Corp

  AS2916 Datasheet HTML 1Page - Princeton Technology Corp AS2916 Datasheet HTML 2Page - Princeton Technology Corp AS2916 Datasheet HTML 3Page - Princeton Technology Corp AS2916 Datasheet HTML 4Page - Princeton Technology Corp AS2916 Datasheet HTML 5Page - Princeton Technology Corp AS2916 Datasheet HTML 6Page - Princeton Technology Corp AS2916 Datasheet HTML 7Page - Princeton Technology Corp AS2916 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
251
www.ptcc.com.tw
AS2916
PWM Controller
Pin Function Description
Pin Number
Function
Description
1
OUTB
This is the gate drive output for the Main FET. The totem pole
output has equivalent of an extra 10
Ω resistor to limit the FET
turn on speed and a pull down resistor to ensure the FET gate
is never open. No external circuitry except for the FET is
expected on this pin. The largest FET expected to be driven is
IRFBC40. If a larger power FET is used, a buffer might be
required.
2VCC
Positive supply for the IC. Absolute maximum rating is 20 V.
The running voltage shall be provided by the Auxiliary conver
tor.
3
REG
Output of 5 V series regulator.
4
SNSB
This is the Main convertor current sense pin. An external RC
filter from the Main power FET and slope compensation resis-
tor from the RAMP pin is all the expected external circuitry.
5
CMPB
This is the Main output control pin. An opto isolated control
signal from the secondary side error amplifier is buffered and
connected to the invert pin of the main output current mode
comparator. A pull-up current of 1 mA is provided so the only
external circuitry expected is a common emitter opto-isolator.
6
SS
This pin provides a 6 µA current source to linearly charge an
external capacitor. This spin is compared to the RAMP pin in
the soft start comparator, terminating output pulses when
RAMP goes above the SS voltage. While this pin is held low,
the main output is inhibited.
7
RAMP
This pin is a level-shifted and buffered oscillator waveform,
used to provide slope compensation for the Main and Auxiliary
converters. The pin also serves as the non-inverting input of
the soft-start comparator.
8
OSC
Oscillator frequency and maximum duty cycle are set by con-
necting the resistor (RT) to VREG and a capacitor (CT) to
ground.
9
WBL
Provides an FM modulation of the oscillator, approximately
±25% deviation frequency, at a modulation rate set by an exter-
nal cap at WBL. Shorting to GND eliminates modulation.
10
ON
This pin is used to remotely turn the main convertor ON/OFF
either for normal user application or for protection.
11
BOK
Bulk OK. This is a brownout protection feature. The pin moni-
tors the bulk voltage through a resistor divider. When BOK
exceeds 2.5 V a 50 µA current is sourced from the pin for hys-
teresis. When the pin drops below 2.5 V the hysteresis is
turned off and SS is pulled low,inhibiting the main output.
The Auxiliary output is not tied to BOK and will run as long as
there is sufficient bias voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com