Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2916 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # AS2916
Description  PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

AS2916 Datasheet(HTML) 5 Page - Princeton Technology Corp

  AS2916 Datasheet HTML 1Page - Princeton Technology Corp AS2916 Datasheet HTML 2Page - Princeton Technology Corp AS2916 Datasheet HTML 3Page - Princeton Technology Corp AS2916 Datasheet HTML 4Page - Princeton Technology Corp AS2916 Datasheet HTML 5Page - Princeton Technology Corp AS2916 Datasheet HTML 6Page - Princeton Technology Corp AS2916 Datasheet HTML 7Page - Princeton Technology Corp AS2916 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
253
www.ptcc.com.tw
AS2916
PWM Controller
Electrical Characteristics
Electrical characteristics are guaranteed over the full junction temperature range (0-105°). Ambient temperature must be derated
based upon power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, BOK = 3 V, ON = 3 V, RT =
680
Ω, CT = 10 nF, and CWBL = 2.2 nF, unless otherwise specified. To override UVLO, VCC should be raised above UVLOHIGH
prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
5 V Regulator
Output Voltage
VREG
TJ = 25°C, IREG = 1 mA
4.90
5.00
5.10
V
Line Regulation
PSRR
12
≤ VCC ≤ 18 V
5
15
mV
Load Regulation
1.0
≤ IREG ≤ 20 mA
5
15
mV
Temperature Stability
TCREG
0.2
0.4
mV/°C
Total Output Variation
Line, Load, Temperature
4.85
5.15
V
Long-Term Stability
Over 1,000 hrs at 25°C
5.0
25
mV
Output Noise Voltage
VNOISE
10
≤ f ≤ 100 kHz, TJ = 25°C
50
µV
Maximum Source Current
IMAX
VREG = 4.8 V
30
120
180
mA
Oscillator
Initial Frequency
fOSC
TA = 25°C, VWBL = 0 V
117
132
143
kHz
Voltage Stability
8.5 V
≤ VCC ≤ 18V
0.2
1.0
%
Temperature Stability
TCF
TMIN ≤ TJ ≤ TMAX
5%
Amplitude
VOSC
VOSC peak-to-peak
1.55
V
Upper Trip Point
VH
VWBL = 0 V
2.8
V
Lower Trip Point
VL
VWBL = 0 V
1.25
V
Discharge Current
IDSC
VOSC = 3 V
7.5
8.7
9.5
mA
Duty Cycle Limit
RT = 680 Ω, CT = 10 nF,
46
50
54
%
TJ = 25°C
Over-Temperature Shutdown
TOT
140
°C
Wobble Oscillator
Wobble Rate
FWBL
2.2 nF WBL to GND
3.4
4.5
6.0
kHz
OSC Frequency Deviation
DEV
Change in main oscillator freq.
+30
+40
+50
kHz
Amplitude
VWBL
VWBL peak-to-peak
1.8
V
Upper Trip Point
VH
2.7
V
Lower Trip Point
VL
0.9
V
Charge Current
ICHRG
VWBL = 0.7 V
–25
–36
–50
µA
Discharge Current
IDSC
VWBL = 4.8 V
25
36
50
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com