Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2916 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # AS2916
Description  PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

AS2916 Datasheet(HTML) 4 Page - Princeton Technology Corp

  AS2916 Datasheet HTML 1Page - Princeton Technology Corp AS2916 Datasheet HTML 2Page - Princeton Technology Corp AS2916 Datasheet HTML 3Page - Princeton Technology Corp AS2916 Datasheet HTML 4Page - Princeton Technology Corp AS2916 Datasheet HTML 5Page - Princeton Technology Corp AS2916 Datasheet HTML 6Page - Princeton Technology Corp AS2916 Datasheet HTML 7Page - Princeton Technology Corp AS2916 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
252
www.ptcc.com.tw
AS2916
PWM Controller
Pin Function Description
Pin Number
Function
Description
12
CMPA
This is the Auxiliary convertor error amplifier compensation pin
or if secondary controller is desired, the Auxiliary control input
pin. A simple capacitor to ground is the only circuitry expected.
Note: There is no external connection for voltage feedback.
Voltage sensing is provided internally in such a way that VCC
is
not loaded until it reaches predefined threshold. If secondary
control is required, it can be forced into the CMPA pin.
13
SNSA
This is the Auxiliary convertor current sense pin. An external
RC filter from the Auxiliary power FET and slope compensation
resistor from the RAMP pin is all the expected external cir-
cuitry.
14
OUTA
This is the gate drive output for the Auxiliary FET. The totem
pole output has equivalent of an extra 33
Ω resistor to limit the
FET turn on speed and a pull down resistor to ensure the FET
gate is never open. No external circuitry except for the FET is
expected on this pin. The largest FET expected to be driven is
IRF820. If a larger power FET is used, a buffer might be
required.
15
GND
Signal ground.
16
PGND
Power ground.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Reference Current
IREF
200
mA
Output Current
IOUT
1A
Supply Voltage
VCC
20
V
Output Voltage
VOUT
20
V
Continuous Power
PD
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
–60 to +150
°C
Lead Temperature (Soldering, 10 seconds)
TL
300
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com