Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2916 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # AS2916
Description  PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

AS2916 Datasheet(HTML) 7 Page - Princeton Technology Corp

  AS2916 Datasheet HTML 1Page - Princeton Technology Corp AS2916 Datasheet HTML 2Page - Princeton Technology Corp AS2916 Datasheet HTML 3Page - Princeton Technology Corp AS2916 Datasheet HTML 4Page - Princeton Technology Corp AS2916 Datasheet HTML 5Page - Princeton Technology Corp AS2916 Datasheet HTML 6Page - Princeton Technology Corp AS2916 Datasheet HTML 7Page - Princeton Technology Corp AS2916 Datasheet HTML 8Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
255
www.ptcc.com.tw
AS2916
PWM Comtroller
Electrical Characteristics
Electrical characteristics are guaranteed over the full junction temperature range (0-105°). Ambient temperature must be derated
based upon power dissipation and package thermal characteristics. The conditions are: VCC = 15 V, BOK = 3 V, ON = 3 V, RT =
680
Ω, CT = 10 nF, and CWBL = 2.2 nF ,unless otherwise specified. To override UVLO, VCC should be raised above UVLOHIGH
prior to test.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Main Output
Output Low Level
VOUTBL
ISINK = 10 mA
0.1
0.4
V
Output Low Level
VOUTBL
ISINK = 150 mA
1.5
2.2
V
Output High Level
VOUTBH
ISOURCE = 10 mA, VCC = 15 V
12
13
V
Output High Level
VOUTBH
ISOURCE = 150 mA, VCC = 15V
10
10.7
V
On Resistance High
10
Ω
Rise Time
tR
CL = 1.3 nF, 10% to 90%
50
150
ns
Fall Time
tF
CL = 1.3 nF, 90% to 10%
50
150
ns
Output Impedance to GND
ZOUT
VCC = 6 V
20
k
Ω
in UVLO State
Auxiliary Output
Output Low Level
VOUTBL
ISINK = 10 mA
0.1
0.4
V
Output Low Level
VOUTBL
ISINK = 150 mA
1.5
2.2
V
Output High Level
VOUTBH
ISOURCE = 10 mA, VCC = 15V,
12
13
V
VCMPA = 5 V
Output High Level
VOUTBH
ISOURCE = 110 mA, VCC = 15V,
7
8
V
VCMPA = 5 V
On Resistance High
33
Ω
Rise Time
tR
CL =350 pF, 10% to 90%
70
150
ns
Fall Time
tF
CL = 350 pF, 90% to 10%
50
150
ns
Output Impedance to GND
ZOUT
VCC = 6 V
20
k
Ω
in UVLO State
Under-Voltage Lockout
Start-Up Threshold
VCC(ON)
12.4
13.5
14.7
V
Stop Threshold
VCC(OFF)
7
7.5
8
V
Start-Up Current
ICC
0.1
25
µA
Operating Supply Current
ICC
VCC = 15 V
18
25
mA
Housekeeping
BOK UV Threshold
VBOK UV
TJ = 25°C
2.50
2.537
2.575
V
BOK UV Hysteresis Current
IHYST BOK VBOK = 2.6 V
42
50
58
µA
BOK Input Bias Current
IBOK
VBOK = 2.4 V
–0.1
–1.0
µA
ON Threshold
VON
2.35
2.5
2.65
V
ON Hysteresis
∆VON
–0.7
–0.9
–1.1
V
ON Bias Current
IBIAS ON
VON = 2.3 V
–0.5
–10
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com