Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3370 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
LTC3372
16
Rev. A
For more information www.analog.com
PIN FUNCTIONS
is regulated proportionally lower. An internal 10μA pull-
up current source is connected to this pin. A capacitor to
ground at this pin sets the ramp time to the final regulated
output voltage. Alternatively, a resistor divider on another
voltagesupplyconnectedtothispinallowsthecontroller’s
output to track another supply during start-up.
VOUT/EXTVCC (Pin 43): HV Controller Output Voltage
Sensing and External VCC Power Input. Connect this pin
to the HV controller’s regulated output voltage. The HV
controller VOUT is regulated to either 3.3V or 5V by an
internal resistor divider selected by the VPROG pin. This
pin is also provides an external VCC connection and sup-
plies internal bias voltages from VOUT to improve low IQ
performance and reduce power loss.
SENSE(Pin 44): HV Controller Negative (–) Input to
Differential Current Comparator. This SENSEpin also
functions as the output voltage sense pin for a secondary
15% overvoltage protection in addition to the 7.5% over-
voltage protection at the VOUT/EXTVCC pin. In the situation
that SENSEpin is separated from VOUT/EXTVCC pin to
achieve point-of-load (POL) regulation, SENSEcan begin
drawing a >500µA current when SENSEis 200mV greater
than VOUT (VOUT = 5V) or INTVCC (VOUT = 3.3V). When
voltage on SENSEpin is close to INTVCC, SENSEcan
begin drawing >500µA current. Do not connect a filtering
resistor in series with SENSEpin unless SENSEstays
close to ground in the application.
SENSE+ (Pin 45): HV Controller Positive (+) Input to
Differential Current Comparator. The ITH pin voltage and
controlled offsets between the SENSEand SENSE+ pins
set the current trip threshold. The current comparator
can be used for either inductor DCR sensing or traditional
current sensing resistor (RSENSE) sensing.
ITH (Pin 46): HV Controller Error Amplifier Output and
Compensation Point. The current comparator threshold
increases with this control voltage.
VOUTPRG (Pin 47): HV Controller Output Voltage Program-
ming Pin. When this pin is tied to INTVCC, the output volt-
age is regulated to 5V. When tied to ground, the output
voltage is regulated to 3.3V.
PGOOD (Pin 48): HV Controller Power Good Open-Drain
Logic Output. This pin is pulled low when the voltage at the
VOUT/EXTVCC pin is outside of the ±7.5% window around
the regulated level, or voltage at SENSEpin is more than
15% above the regulated level of VOUT.
GND (Exposed Pad Pin 49): Ground. The exposed pad
must be soldered to a continuous printed circuit board
ground plane directly under the IC package for rated ther-
mal performance. The exposed pad is a shared ground for
signal grounds, driver ground and power stage grounds
of all HV and LV buck regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com