Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3370 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology LTC3370 Datasheet HTML 22Page - Linear Technology LTC3370 Datasheet HTML 23Page - Linear Technology LTC3370 Datasheet HTML 24Page - Linear Technology LTC3370 Datasheet HTML 25Page - Linear Technology LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LTC3372
23
Rev. A
For more information www.analog.com
HIGH VOLTAGE BUCK CONTROLLER
The Typical Application on the first page is a basic applica-
tioncircuit.TheHVcontrollerinductorcurrentsensingcan
be configured to use either DCR (inductor resistance) or a
low value sense resistor. The choice between the two cur-
rentsensingschemesislargelyadesigntrade-offbetween
cost, power consumption and accuracy. DCR sensing
has become popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs. Finally, input and output capacitors are
selected.
Current Sense Pins (SENSE+ and SENSE)
The SENSE+ and SENSEpins are the inputs to the cur-
rent comparators. The common mode voltage range on
these pins is 0V to 6V (abs max), allowing margin for
tolerances and transients for the HV regulator’s regulated
5V or 3.3V output.
The SENSE+ pin is high impedance over the full common
mode range, drawing at most ±1μA. This high impedance
allows the current comparators to be used in inductor
DCR sensing.
Connect the SENSEpin directly to the sense point at the
VOUT side of the inductor (in DCR sensing) or the current
sense resistor (RSENSE), without adding any resistor in se-
ries.TheimpedanceoftheSENSEpinchangesdepending
on its voltage. When SENSEis less than INTVCC – 0.5V,
a small current of less than 1μA flows out of the pin. As
SENSEapproachesINTVCC,thecurrenttransitionshigher
to close to 1mA.
Filter components mutual to the sense lines should be
placed close to the IC, and the sense lines should run
close together to a Kelvin connection underneath the
current sense element (shown in Figure 2). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If inductor DCR
sensing is used (Figure 3b), resistor R1 should be placed
closetotheswitchingnode,topreventnoisefromcoupling
into sensitive small-signal nodes.
APPLICATIONS INFORMATION
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
3372 F02
VIN
VIN
RSENSE
INTVCC
BOOST
TG
SW
BG
PLACE CAPACITOR NEAR
SENSE PINS
SENSE+
SENSE
GND
LTC3372
VOUT
3372 F03a
*R1 AND C1 ARE OPTIONAL
C1*
R1*
VIN
VIN
INTVCC
BOOST
TG
SW
BG
*PLACE C1 NEAR
SENSE PINS
INDUCTOR
DCR
L
SENSE+
SENSE
GND
LTC3372
VOUT
3372 F03b
R1
R2
C1*
(R1||R2) • C1 = L
DCR
RSENSE(EQ) = DCR
R2
R1 + R2
Figure 2. Sense Lines Placement with Inductor or Sense Resistor
Figure 3. Current Sensing Methods
(3a) Using a Resistor to Sense Current
(3b) Using the Inductor DCR to Sense Current
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com