Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3370 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 22Page - Linear Technology LTC3370 Datasheet HTML 23Page - Linear Technology LTC3370 Datasheet HTML 24Page - Linear Technology LTC3370 Datasheet HTML 25Page - Linear Technology LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology LTC3370 Datasheet HTML 28Page - Linear Technology LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LTC3372
26
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle =
VOUT
VIN
Synchronous Switch Duty Cycle =
VIN − VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
(IMAX)
2(1+ δ)RDS(ON) +
(VIN)
2 IMAX
2
⎟(RDR)(CMILLER) •
1
VINTVCC − VTHMIN
+
1
VTHMIN
⎥(f)
PSYNC =
VIN − VOUT
VIN
(IMAX)
2(1+ δ)RDS(ON)
where δ is the temperature dependency of RDS(ON) and
RDR (approximately 2Ω) is the effective driver resistance
at the MOSFET’s Miller threshold voltage. VTHMIN is the
typical MOSFET minimum threshold voltage.
BothMOSFETshaveI2RlosseswhilethetopsideN-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V
the high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V the transition losses rapidly
increase to the point that the use of a higher RDS(ON)device
with lower CMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1+ δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs Temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
A Schottky diode can be placed in parallel with the bot-
tom MOSFET to conduct during the dead-time between
the conduction of the two power MOSFETs. This prevents
the body diode of the bottom MOSFET from turning on,
storing charge during the dead-time and requiring a re-
verse recovery period that could cost as much as 3% in
efficiency at high VIN. A 1A to 3A Schottky is generally a
good compromise for both regions of operation due to
the relatively small average current. Larger diodes result
in additional transition losses due to their larger junction
capacitance.
Another consideration is the losses due to the gate charge
of the MOSFETs. Each cycle, the bottom FET gate driver
draws a pulse of current from the INTVCC pin when turning
on the bottom FET gate. Another pulse of current is drawn
by the boost capacitor as the bottom FET turns on. This
energy is used by the floating high side driver to turn on
thetopMOSFET.TheINTVCCdecouplingcapacitorsmooths
the current flowing through the LDO. The resulting DC
current can be estimated as:
IGQ = f(QGT + QGB)
The LDO losses will then become:
PLDO = (VIN – VINTVCC) • IGQ
To avoid the LDO losses, program VOUT for 5V with the
VOUTPRG pin. With this setting, the INTVCC LDO is shut
down and the INTVCC pin is tied to VOUT with an internal
switch. This will provide significant power loss reductions
for high input voltages.
ThelossesinthegatedriverarealsoaffectedbytheMOSFET
gatecharge.Aconservativeestimateofthetheselossesis:
PGATE_DRIVE = IGQ • VINTVCC
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com