Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3370 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 25Page - Linear Technology LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology LTC3370 Datasheet HTML 28Page - Linear Technology LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology LTC3370 Datasheet HTML 32Page - Linear Technology LTC3370 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
LTC3372
29
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
bypassing is needed to supply the high transient currents
required by the MOSFET gate drivers and to prevent in-
teraction between the channels.
The INTVCC load current (IINTVCC) is dominated by the
gate charge current and may be supplied by either the
VIN LDO or the VOUT/EXTVCC pin. The gate charge current
is dependent on operating frequency and NMOS size as
discussed in the Efficiency Considerations section.
When the VOUT/EXTVCC regulation is set to 3.3V, the VIN
LDO is always enabled as the voltage on the VOUT/EXTVCC
pinisneverabovethe4.7Vthreshold.Powerdissipationfor
the IC in this case is highest and is equal to VIN • IINTVCC.
High input voltage applications in which large power
MOSFETs are being driven at high frequencies may cause
the maximum junction temperature rating for the IC to be
exceeded. For example, a 30mA INTVCC current from a
48V input supply will result in a junction temperature (TJ)
increase (rise) of:
∆TJ = (30mA)(48V)(34°C/W for QFN) = 48°C
The power dissipation due to IINTVCC from VIN should be
checked at the maximum VIN of the application operating
in forced continuous mode.
When the VOUT regulation is set to 5V and VOUT rises
above 4.7V, INTVCC is connected to VOUT through an
internal switch. Significant efficiency and thermal gains
can be realized by powering INTVCC from the output, since
the input supply current resulting from INTVCC current is
scaled by a factor of (VOUT/VIN)/(efficiency). In this case,
power dissipation in the LTC3372 due to the INTVCC cur-
rent is VINTVCC • IINTVCC, and the junction temperature (TJ)
increase (rise) of:
∆TJ = (30mA)(5V)(34°C/W for QFN) = 5°C
The LTC3372 junction temperature (TJ) can be estimated
fromambienttemperature(TA)andtotalpowerdissipation
(PD) using the equations given in Note 2 of the Electrical
Characteristics. To prevent the maximum junction tem-
perature from being exceeded, all power dissipations from
the HV controller’s INTVCC current and the LV buck power
stages must be considered.
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor, CB, connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFET. Capacitor CB in the Block Diagram is charged
though external diode DB from INTVCC when the SW pin
is low. When the topside MOSFET is to be turned on, the
driver places the CB voltage across the gate-source of
the MOSFET. This enhances the top MOSFET switch and
turns it on. The switch node voltage, SW, rises to VIN and
the BOOST pin follows. With the topside MOSFET on, the
boost voltage is above the input supply: VBOOST = VIN +
VINTVCC. The value of the boost capacitor, CB, needs to be
100 times that of the total input capacitance of the top-
side MOSFET(s). The reverse breakdown of the external
Schottky diode must be greater than VIN(MAX).
Fault Conditions: Current Limit and Current Foldback
The HV controller includes current foldback to help limit
load current when the output is shorted to ground. If the
output voltage falls below 70% of its nominal output level,
then the maximum sense voltage is progressively lowered
from 100% to 45% of its maximum selected value. Under
short-circuit conditions with very low duty cycles, cycle
skippingwillbegininordertolimittheshort-circuitcurrent.
In this situation the bottom MOSFET will be dissipating
most of the power. The short-circuit ripple current is de-
termined by the minimum on-time, tON(MIN)(seeElectrical
Characteristics), the input voltage and inductor value:
ΔIL(SC) = tON(MIN)
VIN
L
The resulting average short-circuit current is:
ISC = 45% •ILIM(MAX)
1
2
ΔIL(SC)
Fault Conditions: Overvoltage Protection (Crowbar)
The overvoltage crowbar is designed to blow a system
input fuse when the output voltage of the regulator rises
muchhigherthannominallevels.Thecrowbarcauseshuge
currents to flow, that blow the fuse to protect against a
shorted top MOSFET if the short occurs while the control-
ler is operating.
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com