Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5X1503 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # 5X1503
Description  MicroClock Programmable Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5X1503 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 5X1503 Datasheet HTML 14Page - Integrated Device Technology 5X1503 Datasheet HTML 15Page - Integrated Device Technology 5X1503 Datasheet HTML 16Page - Integrated Device Technology 5X1503 Datasheet HTML 17Page - Integrated Device Technology 5X1503 Datasheet HTML 18Page - Integrated Device Technology 5X1503 Datasheet HTML 19Page - Integrated Device Technology 5X1503 Datasheet HTML 20Page - Integrated Device Technology 5X1503 Datasheet HTML 21Page - Integrated Device Technology 5X1503 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
©2019 Integrated Device Technology, Inc
June 19, 2019
5X1503 Datasheet
Byte 3: OTP Protect
Byte 4: (Apply to 5X1503S)
Byte 4: (Apply to 5X1503/5X1503L)
Byte 03h
Name
Control Function
Type
0
1
PWD
Bit 7
OTP Configure 3 Protect
R/W
read/write
write locked
0
Bit 6
OTP Configure 2 Protect
R/W
read/write
write locked
0
Bit 5
OTP Configure 1 Protect
R/W
read/write
write locked
0
Bit 4
OTP Configure 0 Protect
R/W
read/write
write locked
0
Bit 3
PPS2 Amp Prog
PPS OE2 Amplitude Prog Bit 1
R/W
00: 400mV
01: 500mV
10: 600mV
11: 700mV
0
Bit 2
PPS2 Amp Prog
PPS OE2 Amplitude Prog Bit 0
R/W
0
Bit 1
PPS1 Amp Prog
PPS OE1 Amplitude Prog Bit 1
R/W
00: 400mV
01: 500mV
10: 600mV
11: 700mV
0
Bit 0
PPS1 Amp Prog
PPS OE1 Amplitude Prog Bit 0
R/W
0
Byte 04h
Name
Control Function
Type
0
1
PWD
Bit 7
UltraPowerDown
Ultra Power Down
R/W
disabled
enabled
0
Bit 6
EN DIFF CLKIN
Enable Differential Clkin on X1/X2
R/W
disabled
enabled
0
Bit 5
PLL HRS EN
-
R/W
normal
enable (shift 4 bits)
0
Bit 4
PLL EN 3rd
-
R/W
disabled
enabled
0
Bit 3
Reserved
R/W
0
Bit 2
PLL_FB_INT[10]
PLL feedback integer divider 10
R/W
0
Bit 1
PLL_FB_INT[9]
PLL feedback integer divider 9
R/W
0
Bit 0
PLL_FB_INT[8]
PLL feedback integer divider 8
R/W
0
Byte 04h
Name
Control Function
Type
0
1
PWD
Bit 7
UltraPowerDown
Ultra Power Down
R/W
disabled
enabled
0
Bit 6
EN DIFF CLKIN
Enable Differential Clkin on X1/X2
R/W
disabled
enabled
0
Bit 5
PLL HRS EN
R/W
normal
enable (shift 4 bits)
0
Bit 4
PLL EN 3rd
R/W
disabled
enabled
0
Bit 3
SEL_PREDIV
Divide by 4
R/W
disabled
enabled
0
Bit 2
PLL_FB_INT[10]
PLL feedback integer divider 10
R/W
0
Bit 1
PLL_FB_INT[9]
PLL feedback integer divider 9
R/W
0
Bit 0
PLL_FB_INT[8]
PLL feedback integer divider 8
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com