Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5X1503 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 5X1503
Description  MicroClock Programmable Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5X1503 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 5X1503 Datasheet HTML 17Page - Integrated Device Technology 5X1503 Datasheet HTML 18Page - Integrated Device Technology 5X1503 Datasheet HTML 19Page - Integrated Device Technology 5X1503 Datasheet HTML 20Page - Integrated Device Technology 5X1503 Datasheet HTML 21Page - Integrated Device Technology 5X1503 Datasheet HTML 22Page - Integrated Device Technology 5X1503 Datasheet HTML 23Page - Integrated Device Technology 5X1503 Datasheet HTML 24Page - Integrated Device Technology 5X1503 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
©2019 Integrated Device Technology, Inc
June 19, 2019
5X1503 Datasheet
Byte 10: PLL Period Control
Byte 11: PLL M Divider Setting (Apply to 5X1503S)
Byte 11: PLL M Divider Setting (Apply to 5X1503/5X1503L)
Byte 0Ah
Name
Control Function
Type
0
1
PWD
Bit 7
PLL_PERIOD[7]
PLL period control bit 7
R/W
0
Bit 6
PLL_PERIOD[6]
PLL period control bit 6
R/W
0
Bit 5
PLL_PERIOD[5]
PLL period control bit 5
R/W
0
Bit 4
PLL_PERIOD[4]
PLL period control bit 4
R/W
0
Bit 3
PLL_PERIOD[3]
PLL period control bit 3
R/W
0
Bit 2
PLL_PERIOD[2]
PLL period control bit 2
R/W
0
Bit 1
PLL_PERIOD[1]
PLL period control bit 1
R/W
0
Bit 0
PLL_PERIOD[0]
PLL period control bit 0
R/W
0
Byte 0Bh
Name
Control Function
Type
0
1
PWD
Bit 7
PLL_MDIV1
PLL reference divider 1
R/W
disable M DIV1
bypadd divider (/1)
1
Bit 6
PLL_MDIV2
PLL reference divider 2
R/W
disable M DIV2
bypadd divider (/2)
0
Bit 5
PLL_MDIV[5]
PLL reference divider control bit 5
R/W
3–63, default is 26
0
Bit 4
PLL_MDIV[4]
PLL reference divider control bit 4
R/W
1
Bit 3
PLL_MDIV[3]
PLL reference divider control bit 3
R/W
1
Bit 2
PLL_MDIV[2]
PLL reference divider control bit 2
R/W
0
Bit 1
PLL_MDIV[1]
PLL reference divider control bit 1
R/W
1
Bit 0
PLL_MDIV[0]
PLL reference divider control bit 0
R/W
0
Byte 0Bh
Name
Control Function
Type
0
1
PWD
Bit 7
PLL_MDIV1
PLL reference divider 1
R/W
disable M DIV1
bypadd divider (/1)
0
Bit 6
PLL_MDIV2
PLL reference divider 2
R/W
disable M DIV2
bypadd divider (/2)
0
Bit 5
PLL_MDIV[5]
PLL reference divider control bit 5
R/W
3–63, default is 26
0
Bit 4
PLL_MDIV[4]
PLL reference divider control bit 4
R/W
1
Bit 3
PLL_MDIV[3]
PLL reference divider control bit 3
R/W
1
Bit 2
PLL_MDIV[2]
PLL reference divider control bit 2
R/W
0
Bit 1
PLL_MDIV[1]
PLL reference divider control bit 1
R/W
1
Bit 0
PLL_MDIV[0]
PLL reference divider control bit 0
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com