Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5X1503 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5X1503
Description  MicroClock Programmable Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5X1503 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5X1503 Datasheet HTML 7Page - Integrated Device Technology 5X1503 Datasheet HTML 8Page - Integrated Device Technology 5X1503 Datasheet HTML 9Page - Integrated Device Technology 5X1503 Datasheet HTML 10Page - Integrated Device Technology 5X1503 Datasheet HTML 11Page - Integrated Device Technology 5X1503 Datasheet HTML 12Page - Integrated Device Technology 5X1503 Datasheet HTML 13Page - Integrated Device Technology 5X1503 Datasheet HTML 14Page - Integrated Device Technology 5X1503 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
©2019 Integrated Device Technology, Inc
June 19, 2019
5X1503 Datasheet
Crystal Characteristics
1 Frequency tolerance includes initial frequency, over temperature range and aging data.
DC Electrical Characteristics
Table 10. Embedded Crystal Characteristics
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
52
MHz
Frequency Tolerance 1
After trimming
±20
ppm
Equivalent Series Resistance (ESR)
80
Shunt Capacitance
2
7
pF
Load Capacitance (CL)
6
8
10
pF
Maximum Crystal Drive Level
100
μW
Table 11. DC Electrical Characteristics – Current
VDD = VDDO = 1.8V ±5%, VSS = 0V, TA = -40°C to +85°C.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Units
Idd
Core Supply Current
(5X1503/5X1503L)
VDD = VDDO = 1.8V, Xtal = 52MHz, DCO = OFF,
no output; PLL default.
——
2.0
mA
Core Supply Current
(5X1503S)
VDD = VDDO = 1.8V, Xtal = 52MHz, DCO = OFF,
no output; PLL default.
——
9.5
mA
Idd_PLL
PLL Supply Current
(5X1503/5X1503L)
VDD = VDDO = 1.8V, Xtal = 52MHz, no output;
PLL= default
——
1.0
mA
PLL Supply Current
(5X1503S)
VDD = VDDO = 1.8V, Xtal = 52MHz, no output;
PLL= default
——
9.0
mA
Iddox
Output Buffer Supply
Current (5X1503/5X1503L)
LVCMOS, OUT1 = 8MHz, VDD = VDDO = 1.8V.
0.5
mA
LVCMOS, OUT1 = 100MHz, VDD = VDDO = 1.8V.
2
mA
Output Buffer Supply
Current (5X1503S)
LVCMOS, OUT1 = 8MHz, VDD = VDDO = 1.8V.
0.5
mA
LVCMOS, OUT1 = 100MHz, VDD = VDDO = 1.8V.
2
mA
Iddpd
Power Down Current
(5X1503/5X1503L)
PD asserted with VDD and VDDO ON, I2C enable,
32.768kHz clock running.
——
310
μA
Power Down Current
(5X1503S)
PD asserted with VDD and VDDO ON, I2C enable,
32.768kHz clock running.
——
320
μA
Iddupd
Ultra Power Down Current
(5X1503/5X1503L)
PD asserted with VDD and VDDO ON, I2C disable,
32.768kHz clock running.
——
7
μA
Ultra Power Down Current
(5X1503S)
PD asserted with VDD and VDDO ON, I2C disable,
32.768kHz clock running.
——
9.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com