Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

5X1503 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # 5X1503
Description  MicroClock Programmable Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5X1503 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 5X1503 Datasheet HTML 20Page - Integrated Device Technology 5X1503 Datasheet HTML 21Page - Integrated Device Technology 5X1503 Datasheet HTML 22Page - Integrated Device Technology 5X1503 Datasheet HTML 23Page - Integrated Device Technology 5X1503 Datasheet HTML 24Page - Integrated Device Technology 5X1503 Datasheet HTML 25Page - Integrated Device Technology 5X1503 Datasheet HTML 26Page - Integrated Device Technology 5X1503 Datasheet HTML 27Page - Integrated Device Technology 5X1503 Datasheet HTML 28Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
©2019 Integrated Device Technology, Inc
June 19, 2019
5X1503 Datasheet
Byte 15: Output Divider 2 Control
Byte 16: PLL Operation Control Register
Byte 17: OE and DFC Control
Byte 0Fh
Name
Control Function
Type
0
1
PWD
Bit 7
OUTDIV2[4]
Output divider2 control bit 4
R/W
DIV1[3:2] = 1, 3, 5, 7, 9, 11;
DIV1[1:0] = 1, 2, 4, 8;
DefaultDivider=00001=3
0
Bit 6
OUTDIV2[3]
Output divider2 control bit 3
R/W
0
Bit 5
OUTDIV2[2]
Output divider2 control bit 2
R/W
0
Bit 4
OUTDIV2[1]
Output divider2 control bit 1
R/W
0
Bit 3
OUTDIV2[0]
Output divider2 control bit 0
R/W
1
Bit 2
OUT3_OUT_TRI
OUT3 State Select
R/W
normal
Tristate
0
Bit 1
OUT2_OUT_TRI
OUT2 State Select
R/W
normal
Tristate
0
Bit 0
OUT1_OUT_TRI
OUT1 State Select
R/W
normal
Tristate
0
Byte 10h
Name
Control Function
Type
0
1
PWD
Bit 7
OUT1_EN
OUT1 output enable control
R/W
disable
enable
1
Bit 6
OE1_fun_sel[1]
OE1 pin function selection bit 1
R/W
11: DFC0
10: OUT1_PPS
01: PD#
00: OUT1 OE
0
Bit 5
OE1_fun_sel[0]
OE1 pin function selection bit 0
R/W
0
Bit 4
OUT2_EN
OUT2 output enable control
R/W
disable
enable
1
Bit 3
OE2_fun_sel[1]
OE2 pin function selection bit 1
R/W
11: DFC1
10: OUT2_PPS
01: Config_SEL 00: OUT2 OE
0
Bit 2
OE2_fun_sel[0]
OE2 pin function selection bit 0
R/W
0
Bit 1
OUT2 Freerun
OUT2 Freerun enable control
R/W
Freerun
normal
1
Bit 0
OUT1 Freerun
OUT1 Freerun enable control
R/W
Freerun
normal
0
Byte 11h
Name
Control Function
Type
0
1
PWD
Bit 7
OUT1 CLKSEL 1
OUT1 output clock selection
R/W
00: CLK32K, 01: OUTDIV2
10: NA, 11: OUTDIV1
0
Bit 6
OUT1 CLKSEL 0
OUT1 output clock selection
R/W
0
Bit 5
OUT2 CLKSEL 1
OUT2 output clock selection
R/W
00: CLK32K, 01: OUTDIV2
10: NA, 11: OUTDIV1
1
Bit 4
OUT2 CLKSEL 0
OUT2 output clock selection
R/W
1
Bit 3
OUT3 CLKSEL 1
OUT3 output clock selection
R/W
00: CLK32K, 01: OUTDIV2
10: REF, 11: OUTDIV1
1
Bit 2
OUT3 CLKSEL 0
OUT3 output clock selection
R/W
0
Bit 1
OUT3_EN
OUT3 output enable control
R/W
disable
enable
1
Bit 0
DFC_EN
DFC function control
R/W
disable
enable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com