Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7789H2 Datasheet(PDF) 50 Page - Sitronix Technology Co., Ltd.

Part # ST7789H2
Description  single-chip controller/driver for 262K-color, graphic type TFT-LCD
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789H2 Datasheet(HTML) 50 Page - Sitronix Technology Co., Ltd.

Back Button ST7789H2 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 314 page
background image
ST7789H2
Version 1.0
Page 50 of 314
2014/01
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.2
8080-
Series MCU Parallel Interface
The MCU can use one of following interfaces: 11-lines with 8-data parallel interface, 12-lines with 9-data
parallel interface, 19-line with 16-data parallel interface or 21-lines with 18-data parallel interface. The
chip-select CSX (active low) enables/disables the parallel interface. RESX (active low) is an external reset
signal. WRX is the parallel data write enable, RDX is the parallel data read enable and D[17:0] is parallel data
bus.
The LCD driver reads the data at the rising edge of WRX signal. The D/CX is the data/command flag.
When D/CX=’1’, D[17:0] bits is either display data or command parameter. When D/C=’0’, D[17:0] bits is
command. The interface functions of 8080-series parallel interface are given in following table.
IM3
IM2
IM1
IM0
Interface
D/CX
RDX
WRX
Read back selection
0
0
0
0
8-bit
parallel
0
1
Write 8-bit command (D7 to D0)
1
1
Write 8-bit display data or 8-bit parameter (D7 to D0)
1
1
Read 8-bit display data (D7 to D0)
1
1
Read 8-bit parameter or status (D7 to D0)
0
0
0
1
16-bit
parallel
0
1
Write 8-bit command (D7 to D0)
1
1
Write 16-bit display data or 8-bit parameter (D15 to D0)
1
1
Read 16-bit display data (D15 to D0)
1
1
Read 8-bit parameter or status (D7 to D0)
0
0
1
0
9-bit
parallel
0
1
Write 8-bit command (D7 to D0)
1
1
Write 9-bit display data or 8-bit parameter (D8 to D0)
1
1
Read 9-bit display data (D8 to D0)
1
1
Read 8-bit parameter or status (D7 to D0)
0
0
1
1
18-bit
parallel
0
1
Write 8-bit command (D7 to D0)
1
1
Write 18-bit display data or 8-bit parameter (D17 to D0)
1
1
Read 18-bit display data (D17 to D0)
1
1
Read 8-bit parameter or status (D7 to D0)
Table 10 the function of 8080-series parallel interface
8.2.1
Write cycle sequence
The write cycle means that the host writes information (command / data) to the display via the interface.
Each write cycle (WRX high-low-high sequence) consists of 3 control signals (DCX, RDX, WRX) and data
signals (DB[17:0]). DCX bit is a control signal, which tells if the data is a command or a data. The data signals
are the command if the control signal is low (=’0’) and vice versa it is data (=’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com