Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7789H2 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7789H2
Description  single-chip controller/driver for 262K-color, graphic type TFT-LCD
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789H2 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7789H2 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 314 page
background image
ST7789H2
Version 1.0
Page 13 of 314
2014/01
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
2
FEATURES
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Display Resolution: 240*RGB (H) *320(V)
Frame Memory Size: 240 x 320 x 18-bit = 1,382,400 bits
LCD Driver Output Circuits
-
Source Outputs: 240 RGB Channels
-
Gate Outputs: 320 Channels
-
Common Electrode Output
Display Colors (Color Mode)
-
Full Color: 262K, RGB=(666) max., Idle Mode Off
-
Color Reduce: 8-color, RGB=(111), Idle Mode On
Programmable Pixel Color Format (Color Depth) for Various Display Data input Format
-
12-bit/pixel: RGB=(444)
-
16-bit/pixel: RGB=(565)
-
18-bit/pixel: RGB=(666)
MCU Interface
-
Parallel 8080-series MCU Interface (8-bit, 9-bit, 16-bit & 18-bit)
-
6/16/18 RGB Interface(VSYNC, HSYNC, DOTCLK, ENABLE, DB[17:0])
-
Serial Peripheral Interface(SPI Interface)
-
VSYNC Interface
Display Features
-
Programmable Partial Display Duty
-
CABC for saving current consumption
-
Color enhancement
On Chip Build-In Circuits
-
DC/DC Converter
-
Adjustable VCOM Generation
-
Non-Volatile (NV) Memory to Store Initial Register Setting and Factory Default Value (Module ID,
Module Version, etc)
-
Timing Controller
-
4 preset Gamma curve with separated RGB Gamma setting
Build-In NV Memory for LCD Initial Register Setting
-
8-bits for ID1 setting
-
8-bits for ID2 setting
-
8-bits for ID3 setting
-
6-bits for VCOM Offset adjustment
Driving Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com