Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7789H2 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST7789H2
Description  single-chip controller/driver for 262K-color, graphic type TFT-LCD
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789H2 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7789H2 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 314 page
background image
ST7789H2
Version 1.0
Page 7 of 314
2014/01
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.4
FRCTRL1 (B3h): Frame Rate Control 1 (In partial mode/ idle colors) ................................................. 262
9.2.5
PARCTRL (B5h): Partial Control ........................................................................................................... 264
9.2.6
GCTRL (B7h): Gate Control................................................................................................................... 265
9.2.7
GTADJ (B8h): Gate On Timing Adjustment............................................................................................ 267
9.2.8
DGMEN (BAh): Digital Gamma Enable ................................................................................................ 269
9.2.9
VCOMS (BBh): VCOM Setting ............................................................................................................... 270
9.2.10
POWSAVE(BCh): Power Saving Mode.............................................................................................. 272
9.2.11
DLPOFFSAVE (BDh): Display off power save.................................................................................. 273
9.2.12
LCMCTRL (C0h): LCM Control ........................................................................................................ 274
9.2.13
IDSET (C1h): ID Code Setting........................................................................................................... 275
9.2.14
VDVVRHEN (C2h): VDV and VRH Command Enable...................................................................... 276
9.2.15
VRHS (C3h): VRH Set........................................................................................................................ 277
9.2.16
VDVS (C4h): VDV Set........................................................................................................................ 279
9.2.17
VCMOFSET (C5h): VCOM Offset Set ............................................................................................... 281
9.2.18
FRCTRL2 (C6h): Frame Rate Control in Normal Mode ................................................................... 283
9.2.19
CABCCTRL (C7h): CABC Control .................................................................................................... 285
9.2.20
REGSEL1 (C8h): Register Value Selection 1 ..................................................................................... 286
9.2.21
REGSEL2 (CAh): Register Value Selection 2..................................................................................... 287
9.2.22
PWMFRSEL (CCh): PWM Frequency Selection ............................................................................... 288
9.2.23
PWCTRL1 (D0h): Power Control 1 ................................................................................................... 289
9.2.24
VAPVANEN (D2h): Enable VAP/VAN signal output .......................................................................... 291
9.2.25
CMD2EN (DFh): Command 2 Enable............................................................................................... 292
9.2.26
PVGAMCTRL (E0h): Positive Voltage Gamma Control.................................................................... 293
9.2.27
NVGAMCTRL (E1h): Negative Voltage Gamma Control .................................................................. 295
9.2.28
DGMLUTR (E2h): Digital Gamma Look-up Table for Red ............................................................... 297
9.2.29
DGMLUTB (E3h): Digital Gamma Look-up Table for Blue.............................................................. 299
9.2.30
GATECTRL (E4h): Gate Control ....................................................................................................... 301
9.2.31
SPI2EN (E7h): SPI2 Enable .............................................................................................................. 303
9.2.32
PWCTRL2 (E8h): Power Control 2 ................................................................................................... 304
9.2.33
EQCTRL (E9h): Equalize time control .............................................................................................. 305
9.2.34
PROMCTRL (ECh): Program Mode Control..................................................................................... 306
9.2.35
PROMEN (FAh): Program Mode Enable........................................................................................... 307
9.2.36
NVMSET (FCh): NVM Setting ........................................................................................................... 308
9.2.37
PROMACT (FEh): Program action ................................................................................................... 309
10
APPLICATION ................................................................................................................................................... 310
10.1
CONFIGURATION OF POWER SUPPLY CIRCUIT ............................................................................................... 310
10.2
VOLTAGE GENERATION................................................................................................................................. 311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com