Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7789H2 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7789H2
Description  single-chip controller/driver for 262K-color, graphic type TFT-LCD
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789H2 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7789H2 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7789H2 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 314 page
background image
ST7789H2
Version 1.0
Page 2 of 314
2014/01
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
LIST OF CONTENT
1
GENERAL DESCRIPTION................................................................................................................................. 12
2
FEATURES............................................................................................................................................................ 13
3
PAD ARRANGEMENT ........................................................................................................................................ 15
3.1
OUTPUT BUMP DIMENSION............................................................................................................................. 15
3.2
INPUT BUMP DIMENSION ................................................................................................................................ 16
3.3
ALIGNMENT MARK DIMENSION ..................................................................................................................... 17
3.4
CHIP INFORMATION ........................................................................................................................................ 17
4
PAD CENTER COORDINATES ......................................................................................................................... 18
5
BLOCK DIAGRAM ............................................................................................................................................. 31
6
PIN DESCRIPTION ............................................................................................................................................. 32
6.1
POWER SUPPLY PINS....................................................................................................................................... 32
6.2
INTERFACE LOGIC PINS .................................................................................................................................. 33
6.3
DRIVER OUTPUT PINS..................................................................................................................................... 36
6.4
TEST AND OTHER PINS .................................................................................................................................... 36
7
DRIVER ELECTRICAL CHARACTERISTICS .............................................................................................. 37
7.1
ABSOLUTE OPERATION RANGE....................................................................................................................... 37
7.2
DC CHARACTERISTICS ................................................................................................................................... 38
7.3
POWER CONSUMPTION ................................................................................................................................... 40
7.4
AC CHARACTERISTICS ................................................................................................................................... 41
7.4.1
8080 Series MCU Parallel Interface Characteristics: 18/16/9/8-bit Bus ................................................. 41
7.4.2
Serial Interface Characteristics (3-line serial):........................................................................................ 43
7.4.3
Serial Interface Characteristics (4-line serial):........................................................................................ 44
7.4.4
RGB Interface Characteristics: ................................................................................................................ 46
7.4.5
Reset Timing: ............................................................................................................................................ 47
8
FUNCTION DESCRIPTION............................................................................................................................... 49
8.1
MPU INTERFACE TYPE SELECTION ................................................................................................................ 49
8.2
8080-Ⅰ SERIES MCU PARALLEL INTERFACE ................................................................................................ 50
8.2.1
Write cycle sequence ................................................................................................................................. 50
8.2.2
Read cycle sequence ................................................................................................................................. 51
8.3
8080-Ⅱ SERIES MCU PARALLEL INTERFACE ................................................................................................ 53
8.4
SERIAL INTERFACE ......................................................................................................................................... 54
8.4.1
Pin description .......................................................................................................................................... 54
8.4.2
Command write mode ............................................................................................................................... 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com