Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS612LSG Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS612LSG Datasheet HTML 1Page - Allegro MicroSystems ATS612LSG Datasheet HTML 2Page - Allegro MicroSystems ATS612LSG Datasheet HTML 3Page - Allegro MicroSystems ATS612LSG Datasheet HTML 4Page - Allegro MicroSystems ATS612LSG Datasheet HTML 5Page - Allegro MicroSystems ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR TOOTH SENSOR
Page 4 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
OPERATION over operating voltage and temperature range with reference target
(unless otherwise specified).
Limits
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating within specification,
Target Speed > 20 RPM
0.4
—
2.25
mm
Calibration Cycle
ncal
Output edges before which
Calibration is completed*
1
1
1
Edge
Calibration Mode Disable
ndis
Output falling edges for startup
calibration to be complete
64
64
64
Edges
Relative Timing Accuracy,
Sequential
tθ
Target Speed = 1000 RPM,
0.4 mm ≤ AG ≤ 2 mm
—
±0.3
±0.9
°
Allowable User Induced
Differential Offset
Output switching only; may not
meet data sheet specifications
—
—
±50
G
* Non-uniform magnetic profiles may require additional output pulses before calibration is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com