Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS612LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS612LSG Datasheet HTML 1Page - Allegro MicroSystems ATS612LSG Datasheet HTML 2Page - Allegro MicroSystems ATS612LSG Datasheet HTML 3Page - Allegro MicroSystems ATS612LSG Datasheet HTML 4Page - Allegro MicroSystems ATS612LSG Datasheet HTML 5Page - Allegro MicroSystems ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR TOOTH SENSOR
Page 3 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range,
C3 = 0.1 µF to 0.47 µF.
Limits
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating, TJ < 165
°C
3.6
—
24
V
Power-On State
POS
VCC = 0
→ 5 V
HIGH
HIGH
HIGH
—
Under-Voltage Lockout
VCC(UV)
VCC = 0
→ 5 V
2.5
—
3.6
V
Under-Voltage Hysteresis
VCC(hys)
VCC(UV) – VCC(SD) (see NOTE below)
—
0.2
—
V
Low Output Voltage
VOUT(SAT)
IOUT = 20 mA
—
185
400
mV
Supply Zener Clamp Voltage
VZ
ICC = 18 mA
24
—
—
V
Output Current Limit
IOUTM
VOUT = 12 V
25
45
55
mA
Output Leakage Current
IOFF
VOUT = 24 V
—
0.2
15
µA
Output OFF
6.0
8.7
13
mA
Supply Current
ICC
Output ON
8.0
10.7
15
mA
Power-On Delay
ton
VCC > 5 V
—
80
500
µs
Output Rise Time
tr
RL = 500
Ω, CL = 10 pF
—
0.2
5.0
µs
Output Fall Time
tf
RL = 500
Ω, CL = 10 pF
—
0.2
5.0
µs
NOTES: Typical data is at VCC = 8 V and TA = +25
°C and is for design information only.
VCC(SD) = shutdown voltage, VCC = 5 V
→ 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com