Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS612LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems ATS612LSG Datasheet HTML 10Page - Allegro MicroSystems ATS612LSG Datasheet HTML 11Page - Allegro MicroSystems ATS612LSG Datasheet HTML 12Page - Allegro MicroSystems ATS612LSG Datasheet HTML 13Page - Allegro MicroSystems ATS612LSG Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR TOOTH SENSOR
Page 10 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
TYPICAL ELECTRICAL CHARACTERISTICS
VOUT(SAT)
150
175
200
225
250
-40
0
40
80
120
160
AMBIENT TEMPERATURE IN
oC
IOUT =
20mA
ICC
5
7
9
11
13
-40
0
40
80
120
160
200
AMBIENT TEMPERATURE IN
o
C
Output On
VCC
= 8V
Output Off
ICC
5
7
9
11
13
2
6
10
14
18
22
26
SUPPLY VOLTAGE IN VOLTS
TA =
25oC
Output On
Output Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com