Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS612LSG Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS612LSG
Description  DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSG Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS612LSG Datasheet HTML 5Page - Allegro MicroSystems ATS612LSG Datasheet HTML 6Page - Allegro MicroSystems ATS612LSG Datasheet HTML 7Page - Allegro MicroSystems ATS612LSG Datasheet HTML 8Page - Allegro MicroSystems ATS612LSG Datasheet HTML 9Page - Allegro MicroSystems ATS612LSG Datasheet HTML 10Page - Allegro MicroSystems ATS612LSG Datasheet HTML 11Page - Allegro MicroSystems ATS612LSG Datasheet HTML 12Page - Allegro MicroSystems ATS612LSG Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ATS612LSG
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR TOOTH SENSOR
Page 9 of 15
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 2001, 2003 Allegro MicroSystems, Inc.
Peak Detecting vs. AC-Coupled Filters.
High-pass
filtering (normal AC coupling) is a commonly used
technique for eliminating circuit offsets. AC coupling has
errors at power on because the filter circuit needs to hold
the circuit zero value even though the circuit may power
on over a large signal. Such filter techniques can only
perform properly after the filter has been allowed to
settle, which is typically greater than one second. Also,
high-pass filter solutions cannot easily track rapidly
changing baselines such as those caused by
eccentricities. Peak detection switches on the change in
slope of the signal and is baseline independent at power
up and during running.
Peak Detecting vs. Zero-Crossing Reference.
The
usual differential zero-crossing sensors are susceptible
to false switching due to off-center and tilted installations
which result in a shift of the baseline that changes with
air gap. The track-and-hold peak-detection technique
ignores baseline shifts versus air gaps and provides
increased immunity to false switching. In addition, using
track-and-hold peak-detecting techniques, increased air
gap capabilities can be expected because a peak
detector utilizes the entire peak-to-peak signal range as
compared to zero-crossing detectors that switch on one-
half the peak-to-peak signal.
NOTE – “Baseline” refers to the zero-gauss differential
field where each Hall-effect element is subject to the
same magnetic field strength.
Power-On Operation.
The device will power on in the
OFF state (output high) irrespective of the magnetic field
condition. The power-up time of the circuit is no greater
than 500 µs. The circuit is then ready to accurately
detect the first target edge that results in a HIGH-to-
LOW transition.
Under-Voltage Lockout.
When the supply voltage is
below the minimum operating voltage (VCC(UV)), the
device is OFF and stays OFF irrespective of the state of
the magnetic field. This prevents false signals, which
may be caused by under-voltage conditions (especially
during turn on), from appearing at the output.
Output.
The device output is an open-collector stage
capable of sinking up to 20 mA. An external pull-up
(resistor) to a supply voltage of not more than 24 V must
be supplied.
Output Polarity.
The output of the unit will switch from
HIGH to LOW as the leading edge of the tooth passes
the unit in the direction indicated in figure 3 which means
that in this configuration, the output voltage will be high
when the unit is facing a tooth. If rotation is in the
opposite direction, the output polarity will be opposite as
well, with the unit switching LOW to HIGH as the leading
edge passes the unit.
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com