Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM9DS1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 50Page - STMicroelectronics LSM9DS1 Datasheet HTML 51Page - STMicroelectronics LSM9DS1 Datasheet HTML 52Page - STMicroelectronics LSM9DS1 Datasheet HTML 53Page - STMicroelectronics LSM9DS1 Datasheet HTML 54Page - STMicroelectronics LSM9DS1 Datasheet HTML 55Page - STMicroelectronics LSM9DS1 Datasheet HTML 56Page - STMicroelectronics LSM9DS1 Datasheet HTML 57Page - STMicroelectronics LSM9DS1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Accelerometer and gyroscope register description
LSM9DS1
54/72
DocID025715 Rev 3
7.27
CTRL_REG9 (23h)
Control register 9.
7.28
CTRL_REG10 (24h)
Control register 10.
Table 76. CTRL_REG10 register
7.29
INT_GEN_SRC_XL (26h)
Linear acceleration sensor interrupt source register.
Table 74. CTRL_REG9 register
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
SLEEP_G
0(1)
FIFO_
TEMP_EN
DRDY_
mask_bit
I2C_DISAB
LE
FIFO_EN
STOP_ON
_FTH
Table 75. CTRL_REG9 register description
SLEEP_G
Gyroscope sleep mode enable. Default value: 0
(0: disabled; 1: enabled)
FIFO_TEMP_EN Temperature data storage in FIFO enable. Default value: 0
(0: temperature data not stored in FIFO; 1: temperature data stored in FIFO)
DRDY_mask_bit Data available enable bit. Default value: 0
(0: DA timer disabled; 1: DA timer enabled)
I2C_DISABLE
Disable I2C interface. Default value: 0
(0: both I2C and SPI enabled; 1: I2C disabled, SPI only)
FIFO_EN
FIFO memory enable. Default value: 0
(0: disabled; 1: enabled)
STOP_ON_FTH
Enable FIFO threshold level use. Default value: 0
(0: FIFO depth is not limited; 1: FIFO depth is limited to threshold level)
0(1)
1. These bits must be set to ‘0’ for the correct operation of the device
0(1)
0(1)
0(1)
0(1)
ST_G
0(1)
ST_XL
Table 77. CTRL_REG10 register description
ST_G
Angular rate sensor self-test enable. Default value: 0
(0: Self-test disabled; 1: Self-test enabled)
ST_XL
Linear acceleration sensor self-test enable. Default value: 0
(0: Self-test disabled; 1: Self-test enabled)
Table 78. INT_GEN_SRC_XL register
0
IA_XL
ZH_XL
ZL_XL
YH_XL
YL_XL
XH_XL
XL_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com