Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM9DS1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 52Page - STMicroelectronics LSM9DS1 Datasheet HTML 53Page - STMicroelectronics LSM9DS1 Datasheet HTML 54Page - STMicroelectronics LSM9DS1 Datasheet HTML 55Page - STMicroelectronics LSM9DS1 Datasheet HTML 56Page - STMicroelectronics LSM9DS1 Datasheet HTML 57Page - STMicroelectronics LSM9DS1 Datasheet HTML 58Page - STMicroelectronics LSM9DS1 Datasheet HTML 59Page - STMicroelectronics LSM9DS1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Accelerometer and gyroscope register description
LSM9DS1
56/72
DocID025715 Rev 3
7.31
OUT_X_XL (28h - 29h)
Linear acceleration sensor X-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.32
OUT_Y_XL (2Ah - 2Bh)
Linear acceleration sensor Y-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.33
OUT_Z_XL (2Ch - 2Dh)
Linear acceleration sensor Z-axis output register. The value is expressed as a 16-bit word in
two’s complement.
7.34
FIFO_CTRL (2Eh)
FIFO control register.
Table 82. FIFO_CTRL register
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 83. FIFO_CTRL register description
FMODE [2:0]
FIFO mode selection bits. Default value: 000
For further details refer to Table 84.
FTH [4:0]
FIFO threshold level setting. Default value: 0 0000
Table 84. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stops collecting data when FIFO is full.
010
Reserved
0
1
1
Continuous mode until trigger is deasserted, then FIFO
mode.
1
0
0
Bypass mode until trigger is deasserted, then Continuous
mode.
1
1
0
Continuous mode. If the FIFO is full, the new sample over-
writes the older sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com