Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM9DS1 Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 53Page - STMicroelectronics LSM9DS1 Datasheet HTML 54Page - STMicroelectronics LSM9DS1 Datasheet HTML 55Page - STMicroelectronics LSM9DS1 Datasheet HTML 56Page - STMicroelectronics LSM9DS1 Datasheet HTML 57Page - STMicroelectronics LSM9DS1 Datasheet HTML 58Page - STMicroelectronics LSM9DS1 Datasheet HTML 59Page - STMicroelectronics LSM9DS1 Datasheet HTML 60Page - STMicroelectronics LSM9DS1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DocID025715 Rev 3
57/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.35
FIFO_SRC (2Fh)
FIFO status control register.
Table 85. FIFO_SRC register
Table 86. FIFO_SRC register description
7.36
INT_GEN_CFG_G (30h)
Angular rate sensor interrupt generator configuration register.
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
(0: FIFO filling is lower than threshold level; 1: FIFO filling is equal or higher than
threshold level
OVRN
FIFO overrun status.
(0: FIFO is not completely filled; 1: FIFO is completely filled and at least one samples
has been overwritten)
For further details refer to Table 87.
FSS [5:0]
Number of unread samples stored into FIFO.
(000000: FIFO empty; 100000: FIFO full, 32 unread samples)
For further details refer to Table 87.
Table 87. FIFO_SRC example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
0
0
0
0
0
0
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register FIFO_CTRL
(2Eh), FTH value is ‘1’.
0
0
00
001
1 unread sample
...
--(1)
0
1
0
0
0
0
0
32 unread samples
1
1
1
0
0
0
0
0
At least one sample has
been overwritten
Table 88. INT_GEN_CFG_G register
AOI_G
LIR_G
ZHIE_G
ZLIE_G
YHIE_G
YLIE_G
XHIE_G
XLIE_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com