Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM9DS1 Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 58Page - STMicroelectronics LSM9DS1 Datasheet HTML 59Page - STMicroelectronics LSM9DS1 Datasheet HTML 60Page - STMicroelectronics LSM9DS1 Datasheet HTML 61Page - STMicroelectronics LSM9DS1 Datasheet HTML 62Page - STMicroelectronics LSM9DS1 Datasheet HTML 63Page - STMicroelectronics LSM9DS1 Datasheet HTML 64Page - STMicroelectronics LSM9DS1 Datasheet HTML 65Page - STMicroelectronics LSM9DS1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
Magnetometer register description
LSM9DS1
62/72
DocID025715 Rev 3
8
Magnetometer register description
8.1
OFFSET_X_REG_L_M (05h), OFFSET_X_REG_H_M (06h)
This register is a 16-bit register and represents the X offset used to compensate
environmental effects (data is expressed as two’s complement). This value acts on the
magnetic output data value in order to subtract the environmental offset.
Default value: 0
8.2
OFFSET_Y_REG_L_M (07h), OFFSET_Y_REG_H_M (08h)
This register is a 16-bit register and represents the Y offset used to compensate
environmental effects (data is expressed as two’s complement). This value acts on the
magnetic output data value in order to subtract the environmental offset.
Default value: 0
8.3
OFFSET_Z_REG_L_M (09h), OFFSET_Z_REG_H_M (0Ah)
This register is a 16-bit register and represents the Z offset used to compensate
environmental effects (data is expressed as two’s complement). This value acts on the
magnetic output data value in order to subtract the environmental offset.
Default value: 0.
Table 101. OFFSET_X_REG_L_M register
OFXM7
OFXM6
OFXM5
OFXM4
OFXM3
OFXM2
OFXM1
OFXM0
Table 102. OFFSET_X_REG_H_M register
OFXM15
OFXM14
OFXM13
OFXM12
OFXM11
OFXM10
OFXM9
OFXM8
Table 103. OFFSET_Y_REG_L_M register
OFYM7
OFYM6
OFYM5
OFYM4
OFYM3
OFYM2
OFYM1
OFYM0
Table 104. OFFSET_Y_REG_H_M register
OFYM15
OFYM14
OFYM13
OFYM12
OFYM11
OFYM10
OFYM9
OFYM8
Table 105. OFFSET_Z_REG_L_M register
OFZM7
OFZM6
OFZM5
OFZM4
OFZM3
OFZM2
OFZM1
OFZM0
Table 106. OFFSET_Z_REG_H_M register
OFZM15
OFZM14
OFZM13
OFZM12
OFZM11
OFZM10
OFZM9
OFZM8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com