Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1115 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP1115
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP1115 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP1115
Full Bridge Gate Driver with Boost Convertor
General Description
LP1115 consists of two parts: Full Bridge Gate Drive
and Boost Convertor.
The Full Bridge Driver part of LP1115 is a single phase
12V MOSFET gate driver optimized to drive the gates
of both high-side and low-side power MOSFETs in a
synchronous buck converter.
The Boost Convertor part of LP1115 is a current mode
boost DC-DC converter. Its PWM circuitry with built-in
3A current power MOSFET makes this converter
highly power efficiently. The LP1115 implements a
constant frequency 1MHz PWM control scheme. The
high frequency PWM operation also saves board
space by reducing external component sizes.
Order Information
LP1115
F: Pb-Free
Package Type
QV: QFN-20
Feedback Voltage
Default: 0.6V
A: 1.24V
Features
Full Bridge Driver
All-In-One Synchronous Buck Driver
Bootstrapped High-Side Drive
One PWM Signal Generates Both Drives
Anti-cross Conduction Protection Circuitry
Boost Convertor
Up to 94% efficiency
Shut-down current:1uA
Input and Output voltage Up to 24V
Internal Compensation, Soft-start
1MHz fixed frequency switching
High switch on current:3A
Marking Information
Device
Marking
Package
Shipping
LP1115QVF
LPS
LP1115
YWX
QFN-20
(4mm*4mm)
3K/REEL
LP1115AQVF
LPS
LP1115A
YWX
QFN-20
(4mm*4mm)
3K/REEL
Marking indication:
Y:Production year W:Production week X: Series Number


Similar Part No. - LP1115

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111SOF POWER-LP1111SOF Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
800mA,Ultra-low Noise LDO Regulator
More results

Similar Description - LP1115

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
-550V Full Bridge Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
-550V Full Bridge Gate Driver
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
Full-Bridge Inverter Gate Driver
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
International Rectifier
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
Integrated 600 V full-bridge gate driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
logo
Infineon Technologies A...
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
Integrated 600 V full-bridge gate driver
April 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com