Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1115 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP1115
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP1115 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP1115
Typical Application Circuit
BST1
5
DRVH1
3
SW1
4
DVRL1
2
VCC1
8
BAT
EN1
7
PWM1
6
EN1
PWM1
BSW
11
BEN
13
BAT
BEN
BVOUT(12V)
GND1
21(PAD)
FB
9
BVCC
12
BST2
1
DRVL2
17
SW2
19
DRVH2
20
VCC2
16
VOUT
ON
OFF
EN2
15
PWM2
14
EN2
PWM2
GND2
18
BGND
10
L1
C1
R1
R2
C2
D1
D2
C5
C3
C4
M1
M2
D3
C6
M3
M4
C7
BVOUT
BVOUT
10uF
190K
10K
10uF
1uF
1uF
10uF
4.7uH
L2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com