Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1115 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP1115
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP1115 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP1115
Electrical Characteristics
(TA=25℃, VIN = 5V, unless otherwise noted.)
Full Bridge Driver
Characteristic
Symbol
Condition
Min
Typ
Max Unit
Supply Voltage Range
VCC
4.3
13.2
V
Supply Current
ISYS
VBST = 12V, VIN = 0V, VEN=0V
0.7
mA
EN Input Voltage High
VEN_HI
2.0
V
EN Input Voltage Low
VEN_LO
0.8
V
EN Hysteresis
300
mV
EN Input Current
No internal pull-up or pull-down resistors
−1.0
+1.0
μA
PWM Input Voltage High
VPWM_HI
2.0
V
PWM Input Voltage Low
VPWM_LO
0.8
V
PWM Hysteresis
300
mV
PWM Input Current
No internal pull-up or pull-down resistors
−1.0
+1.0
μA
High-Side Driver
Output Resistance, Sourcing Current −
VBST − VSW = 12 V
3.3
-
Ω
Output Resistance, Sinking Current
VBST − VSW = 12 V
0.5
-
Ω
Output Resistance, Unbiased
VBST − VSW = 0 V
15
-
Transition Times
TrDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF (See Figure 2)
30
-
ns
TfDRVH
12
-
ns
Propagation Delay Times
TpdhDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF (See Figure 2)
-
95
-
ns
TpdlDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF (See Figure 2)
15
-
ns
TpdlEN
(See Figure 1)
30
-
ns
TpdhEN
(See Figure 1)
35
-
ns
SW Pull down Resistance
VSW = GND
15
Low-Side Driver
Output Resistance, Sourcing Current −
3.3
-
Ω
Output Resistance, Sinking Current
0.5
Ω
Output Resistance, Unbiased
VCC = GND
15
Transition Times
TrDRVL
CLOAD = 3.0 nF, (See Figure 2)
30
-
ns
TfDRVL
12
-
ns
Propagation Delay Times
TpdhDRVL
CLOAD = 3.0 nF, (See Figure 2)
105
-
ns
TpdlDRVL
-
15
-
ns
TpdlEN
(See Figure 1)
-
30
-
ns
TpdhEN
(See Figure 1)
-
35
-
ns
Timeout Delay
VDRVH − VSW = 0
110
ns
UVLO Startup
-
4.2
-
V
UVLO Shutdown
-
3.8
-
V
UVLO Hysteresis
-
0.3
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com