Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1115 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP1115
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP1115 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP1115
Functional Pin Description
Package Type
Pin Configurations
QFN-20
(Top View)
20
19
18
17
16
6
7
8
9
10
15
14
13
12
11
1
2
3
4
5
GND1
21(PAD)
EN2
PWM2
DRVH2 SW2 GND2 DRVL2 VCC2
PWM1 EN1 VCC1
FB
BGND
BEN
BVCC
BSW
BST2
DRVL1
DRVH1
SW1
BST1
Pin Description
Pin No.
Name
Description
1
BST2
Channel 2. Upper MOSFET Floating Bootstrap Supply.
2
DRVL1
Channel 1. Output Drive for the lower MOSFET.
3
DRVH1
Channel 1. Output Drive for the upper MOSFET.
4
SW1
Channel 1. Switch Node. Connect to the source of the upper MOSFET.
5
BST1
Channel 1. Upper MOSFET Floating Bootstrap Supply.
6
PWM1
Channel 1. Logic-Level Input. This pin has primary control of the drive outputs.
7
EN1
Channel 1. Output Disable. When low, normal operation is disabled forcing DRVH1 and DRVL1 low.
8
VCC1
Channel 1. Input Supply. A 1μF ceramic capacitor should be connected from this pin to GND1.
9
FB
Boost. Regulation Feedback Input.
10
BGND
Boost. Ground.
11
BSW
Boost. Switch Node.
12
BVCC
Boost. Power Supply pin.
13
BEN
Boost. Output Disable. When low, boost enter low current shutdown mode.
14
PWM2
Channel 2. Logic-Level Input. This pin has primary control of the drive outputs.
15
EN2
Channel 2. Output Disable. When low, normal operation is disabled forcing DRVH2 and DRVL2 low.
16
VCC2
Channel 2. Input Supply. A 1μF ceramic capacitor should be connected from this pin to GND2.
17
DRVL2
Channel 2. Output Drive for the lower MOSFET.
18
GND2
Channel 2. Power Ground. Should be closely connected to the source of the lower MOSFET.
19
SW2
Channel 2. Switch Node. Connect to the source of the upper MOSFET.
20
DRVH2
Channel 2. Output Drive for the upper MOSFET.
21(PAD)
GND1
Channel 1. Power Ground. Should be closely connected to the source of the lower MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com