Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3201 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3201
Description  1.5MHz, 1A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3201 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP3201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LP3201-00
Aug.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 10
Preliminary Datasheet
LP3201
General Description
The LP3201 is a high output current switch-mode step-down
DC-DC converter. The device operates at a fixed 1.5MHz
switching frequency, and uses a slope compensated current
mode architecture.
This step-down DC-DC converter can supply up to 1A output
current at VIN = 3V and has an input voltage range from 2.5V
to 5.5V. It minimizes external component and optimizes
efficiency at the heavy load range. The slope compensation
allows the device to remain stable over a wider range of
inductor values so that smaller values (2.2μH to 4.7μH) with
lower DCR can be used to achieve higher efficiency. Apart
from the small bypass input capacitor, only a small L-C filter is
required at the output. The device can be programmed with
external feedback to any voltage, ranging from 0.61V to near
the input volt-age. It uses internal MOSFETs to achieve high
efficiency and can generate very low output voltages by using
an internal reference of 0.6V. At dropout, the converter duty
cycle increases to 100% and the output voltage tracks the
input voltage minus the low RDS(ON) drop of the P-channel
high-side MOSFET and the inductor DCR.
The internal error amplifier and compensation provides
excellent transient response, load and line regulation. Internal
soft start eliminates any output voltage over-shoot when the
enable or the input voltage is applied.
Control Loop
The LP3201 is a peak current mode step-down converter. The
current through the P-channel MOSFET (high side) is sensed
for current loop control, as well as short circuit and overload
protection. A slope compensation signal is added to the
sensed current to maintain stability for duty cycles greater
than 50%. The peak current mode loop appears as a
voltage-programmed current source in parallel with the output
capacitor. The output of the voltage error amplifier programs
the current mode loop for the necessary peak switch current
to force a constant output voltage for all load and line
conditions. Internal loop compensation terminates the
trans-conductance voltage error amplifier output. The error
amplifier reference is fixed at 0.6V.
Current Mode PWM Control
Slope compensated current mode PWM control provides
stable switching and cycle-by-cycle current limit for excellent
load and line response with protection of the internal main
switch (P-channel MOSFET) and synchronous rectifier
(N-channel MOSFET). During normal operation, the internal
P-channel MOSFET is turned on for a specified time to ramp
the inductor current at each rising edge of the internal
oscillator, and switched off when the peak inductor current is
above the error current. The current comparator, ICOMP, limits
the peak inductor current. When the main switch is off, the
synchronous rectifier turns on immediately and stays on until
either the inductor current starts to reverse, as indicated by
the current reversal comparator, IZERO, or the beginning of the
next clock cycle.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is active
high. When pulled low, the enable input (EN) forces the
LP3201 into a low-power, non-switching state. The total input
current during shutdown is less than 1μA.
Current Limit and Over-Temperature Protection
For overload conditions, the peak input current is limited to
1.6A. To minimize power dissipation and stresses under
current limit and short-circuit conditions, switching is
terminated after entering current limit for a series of pulses.
The termination lasts for seven consecutive clock cycles after
a current limit has been sensed during a series of consecutive
clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 150℃ with 30℃ of hysteresis.
Once an over-temperature or over-current fault conditions is
removed, the output voltage automatically recovers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com