Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3201 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3201
Description  1.5MHz, 1A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3201 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP3201-00
Aug.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP3201
Electrical Characteristics
(L=2.2uH, CIN=10uF, COUT=10uF, VIN =VEN=5V, Typical values are TA=25℃ )
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
2.5
5.5
V
VIN-OVP
Input Over Voltage Protection
6.1
V
VOUT
Output Voltage Range
LP3201AB5F
0.61
VIN
V
LP3201-12B5F
1.176
1.2
1.224
V
LP3201-18B5F
1.764
1.8
1.836
V
LP3201-33B5F
3.234
3.3
3.366
V
IQ
Quiescent Current
60
µA
ISHDN
Shutdown Current
VEN = GND
1
µA
ILIM
P-Channel Current Limit
1.6
A
RDS(ON)H
High-Side Switch On Resistance
270
mΩ
RDS(ON)L
Low-Side Switch On Resistance
130
mΩ
ILXLEAK
LX Leakage Current
VEN = 0V,
VLX = 0 or 5V, VIN = 5V
1
µA
VFB
Feedback Threshold Voltage
Accuracy
0.588
0.6
0.612
V
IFB
FB Leakage Current
VOUT = 1.0V
10
nA
fOSC
Oscillator Frequency
1.5
MHz
tS
Startup Time
From Enable to Output
Regulation
300
µs
TSD
Over-Temperature Shutdown
Threshold
150
℃
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VEN = 5.0V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com