Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3201 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3201
Description  1.5MHz, 1A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3201 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP3201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP3201-00
Aug.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Preliminary Datasheet
LP3201
Dropout Operation
When the battery input voltage decreases near the value of
the output voltage, the LP3201 allows the main switch to
remain on for more than one switching cycle and increases
the duty cycle until it reaches 100%. The duty cycle D of a
step-down converter is defined as:
D = TON × fOSC × 100% =
VOUT
VIN
× 100%
Where TON is the main switch on time and fOSC is the oscillator
frequency. The output voltage then is the input voltage minus
the voltage drop across the main switch and the inductor. At
low input supply voltage, the RDS(ON) of the P-channel
MOSFET increases, and the efficiency of the converter
decreases. Caution must be exercised to ensure the heat
dissipated does not exceed the maxi-mum junction
temperature of the IC.
Setting the Output Voltage
The LP3201 can be externally programmed. Resistors RUP
and RDN program the output to regulate at a voltage higher
than 0.6V. To limit the bias current required for the external
feedback resistor string while maintaining good noise
immunity, the minimum suggested value for RDN is 59kΩ.
Although a larger value will further reduce quiescent current, it
will also increase the impedance of the feedback node,
making it more sensitive to external noise and interference.
The LP3201 delivers enhanced transient response for
extreme pulsed load applications. The addition of the feed
forward capacitor CFB typically requires a larger output
capacitor COUT for stability. The external resistor sets the
output voltage according to the following equation:
VOUT = 0.6V × (1 +
RUP
RDN
)
RUP = (
VOUT
0.6V
− 1) × RDN
Inductor Selection
For most designs, the LP3201 operates with inductor values
of 1μH to 4.7μH. Low inductance values are physically smaller
but require faster switching, which results in some efficiency
loss. The inductor value can be derived from the following
equation:
L =
VOUT × (VIN − VOUT)
VIN × ∆IL × fOSC
Where ΔIL is inductor ripple current. Large value inductors
lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately
60% of the maximum load current 1A, or
∆IL = 600mA
For output voltages above 2.0V, when light-load efficiency is
important, the minimum recommended inductor is 2.2μH.
Manufacturer’s specifications list both the inductor DC current
rating, which is a thermal limitation, and the peak current
rating, which is determined by the saturation characteristics.
The inductor should not show any appreciable saturation
under normal load conditions. Some inductors may meet the
peak and average current ratings yet result in excessive
losses due to a high DCR.
Always consider the losses associated with the DCR and its
effect on the total converter efficiency when selecting an
inductor. For optimum voltage-positioning load transients,
choose an inductor with DC series resistance in the 20mΩ to
100mΩ range. For higher efficiency at heavy loads (above
200mA), or minimal load regulation (but some transient
overshoot), the resistance should be kept below 100mΩ. The
DC current rating of the inductor should be at least equal to
the maximum load current plus half the ripple current to
prevent core saturation (1A + 300mA).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com