Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3201 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3201
Description  1.5MHz, 1A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3201 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3201 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP3201-00
Aug.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP3201
1.5MHz, 1A Step-Down Converter
General Description
The LP3201 is a 1.5MHz constant frequency current
mode PWM step-down converter. It is ideal for
portable equipment which requires very high current
up to 1A from single-cell Lithium-ion batteries. The
LP3201 also can run at 100% duty cycle for low
dropout operation, extending battery life in portable
systems while light load operation provides very low
output ripple for noisy sensitive applications.
The LP3201 can supply up to 1A output load current
from an input voltage 2.5V to 5.5V and the output
voltage can be regulated as low as 0.61V. The high
switching frequency minimizes the size of external
components while keeping switching losses low. The
internal slope compensation setting allows the device
to operate with smaller inductor values to optimize size
and provide efficient operation.
Order Information
LP3201
F: Pb-Free
Package Type
B5 SOT23-5
:
Output Voltage Type
A Adjustable
:
12
18
33
Output=1.2V
:
Output=1.8V
:
Output=3.3V
:
Features
Input Voltage Range: 2.5V to 5.5V
Output Voltage Range: 0.61V to VIN
1A Output Current
100% Duty Cycle in Dropout
Low Shutdown Current: <1uA
1.5MHz Switching Frequency
Soft-Start Function
Short Circuit Protection
Thermal Fault Protection
SOT23-5 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
DSP Core Supplies
Cellular Phone and Smart mobile phone
PDA
GPS Applications
Marking Information
Device
Marking
Package
Shipping
LP3201AB5F
LPS
ADYWX
SOT23-5
3K/REEL
LP3201-12B5F
LPS
AEYWX
SOT23-5
3K/REEL
LP3201-18B5F
LPS
AFYWX
SOT23-5
3K/REEL
LP3201-33B5F
LPS
AGYWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3201

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A12B5F POWER-LP3202-A12B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A18B5F POWER-LP3202-A18B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A25B5F POWER-LP3202-A25B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202-A28B5F POWER-LP3202-A28B5F Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
More results

Similar Description - LP3201

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com