Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6299 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6299
Description  Programmable Gamma and VCOM Buffers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6299 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP6299 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
LP6299
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 11
LP6299 Version 0.2 FEB.-2018
Electrical Characteristics
(TA=25°C, VDVDD=3.3V, VAVDD=VREF=16.5V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
DVDD Input Supply Voltage
VDVDD
2.3
3.6
V
DVDD UVLO Threshold
VUVLO
2.2
V
DVDD Supply Current
IDQ
0.75
1.5
mA
AVDD Input Supply Voltage
VAVDD
6.5
18
V
AVDD Supply Current
IAQ
10
15
mA
REF Input Voltage
VREF
AVDD
-4
AVDD
V
Thermal Shutdown Threshold
TSD
Junction Temperature Rising
150
°C
Digital Input (WPN, Addr, Bank)
Input Threshold Voltage
VIH
Logic High.
0.8*
DVDD
V
VIL
Logic Low
0.2*
DVDD
Input Current
IDIN
-40
+40
nA
Gamma Buffers (OUT1~OUT14)
Resolution
10
Bits
Integral Nonlinearity Error
INL
-4
+4
LSB
Differenttial Nonlinearity Error
DNL
-1
+1
LSB
Full Scale Error
SETFSE
VAVDD=16.5V
-4
+4
LSB
Output Swing
VGOH
VAVDD=16.5V, VREF=16.2V,
Code=1013,
IOUTx=5mA
V(1013)
-30
V(1013)
-10
mV
VAVDD=16.5V, VREF=16.2V,
Code=512,
IOUTx=25mA
V(512)
-100
V(512)
-50
VGOL
VAVDD=16.5V, VREF=16.2V,
Code=512,
IOUTx=-25mA
V(512)
+50
V(512)
+100
VAVDD=16.5V, VREF=16.2V,
Code=10,
IOUTx=-5mA
V(10)
+10
V(10)
+30
OUTx Short Circuit Current
IShort_GAx
±100
mA
Load Regulation
LR
Code=512, IOUTx =±50mA
±0.5
±1.5
V/A
Slew Rate
SR
10
V/us
Settling Time
ts
5
us
Power Supply Rejection Ration
PSRR
60
dB
Bandwidth
BW
10
MHz
Electrically-Erasable Programmable ROM (EEPROM)
Byte Write Time
tBYTE
10
ms
Byte Read Access Time
BRT
200
ns
Programmable Times
1000
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com