Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6299 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6299
Description  Programmable Gamma and VCOM Buffers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6299 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6299 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
LP6299
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 11
LP6299 Version 0.2 FEB.-2018
Programmable Gamma and VCOM Buffers
General Description
The LP6299 providers a 14-channel programmable
gamma buffer and a programmable VCOM buffer for
applications in TFT-LCD Panel.
Each of the
14-channel gamma buffer is generated using a 10-bit
resolution digital-to-analog converter together with a
buffer through IIC control. The 14-channel gamma
buffer support dynamic switching between two
gamma curves by selecting
BANK select pin.
The
LP6299
also
features
a
programmable
operational amplifier that drives the LCD VCOM. This
unity-gain buffer is capable of rail-to-rail input and
output,
fast
slew
rate,
and
±150mA output
short-circuit current. The VCOM buffer voltage is IIC
programmed using 7-bit resolution.
The LP6299 includes EEPROM to store two gamma
codes and VCOM codes, and control it through IIC
interface at the real time.
The LP6299 is available in a space saving QFN32
(0.5mm pitch) package.
Order Information
LP6299 □□□
F: Pb-Free
Package Type
QV: QFN-32
Features
IIC Interface Control
Input Supply Voltage Range
2.3V to 3.6V Logic Supply Range
6.5V to 18V Analog Supply Range
14-Channel Programmable Gamma Buffers
10-Bit, 1024-Step Resolution
±100mA Output Short Circuit
10V/μs Slew Rate
Two Bank Select
1-Channel Programmable VCOM Buffer
7-Bits, 128-Step Current Output
±150mA Output Short Circuit
20V/μs Slew Rate
Integrated EEPROM
Available in QFN-32 (5 mm×5mm)
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
TFT LCD Panels
Marking Information
Device
Marking
Package
Shipping
LP6299
LPS
LP6299
YWX
QFN-32
3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6299

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6297B POWER-LP6297B Datasheet
354Kb / 12P
10-Channel Level-Shift with Charge Sharing for GOP Panel
More results

Similar Description - LP6299

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Maxim Integrated Produc...
MAX9679 MAXIM-MAX9679 Datasheet
2Mb / 28P
12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
Rev 2; 5/13
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
12-Channel Gamma Buffers with VCOM and Regulator
REV. A
logo
Texas Instruments
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
logo
Maxim Integrated Produc...
MAX9679B MAXIM-MAX9679B Datasheet
2Mb / 27P
12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
19-6378; Rev 0; 8/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com