Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6299 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6299
Description  Programmable Gamma and VCOM Buffers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6299 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6299 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Preliminary Datasheet
LP6299
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 11
LP6299 Version 0.2 FEB.-2018
Functional Pin Description
Pin NO.
Pin Name
Description
1
OUT1
Gamma Buffer Output.
2
OUT2
Gamma Buffer Output.
3
OUT3
Gamma Buffer Output.
4
OUT4
Gamma Buffer Output.
5
OUT5
Gamma Buffer Output.
6
OUT6
Gamma Buffer Output.
7
OUT7
Gamma Buffer Output.
8
AVDD
Analog Power Supply Input. Bypass AVDD to AGND with
10μF capacitor.
9
VREF
Reference Input Voltage for Gamma Reference Voltage.
10
Addr
IIC interface Device Address Bit0.
11
AGND
Analog Ground.
12
BANK
Bank Selection. BANK = Low : BANK A. BANK = High : BANK B
13
DGND
Digital Ground.
14
SCL
IIC interface clock signal.
15
SDA
IIC interface data signal.
16
WPN
EEPROM Write Read Protection.
WPN = Low: Write Read Enable. WPN = High: Write Read disable.
17
DVDD
Digital Power Supply Input. Bypass DVDD to DGND with 10μ F capacitor.
18
OUT8
Gamma Buffer Output.
19
OUT9
Gamma Buffer Output.
20
OUT10
Gamma Buffer Output.
21
OUT11
Gamma Buffer Output.
22
OUT12
Gamma Buffer Output.
23
OUT13
Gamma Buffer Output.
24
OUT14
Gamma Buffer Output.
25
AGND
Analog Ground.
26
SET
Full-Scale Sink-Current Adjustment Input. Connect a resistor from SET to AGND to set the sink
current.
27
OPP
VCOM Amplifier Positive Input.
28
OPN
VCOM Amplifier Negative Input.
29
AGND
Analog Ground.
30
OPO
VCOM Amplifier Output.
31
AVDD
Analog Power Supply Input. Bypass AVDD to AGND with 10μF capacitor.
32
AVDD
Analog Power Supply Input.
Bypass AVDD to AGND with 10μF capacitor.
33
EP
Exposed Pad. Connect this pin to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com