Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6299 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6299
Description  Programmable Gamma and VCOM Buffers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6299 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP6299 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
LP6299
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 11
LP6299 Version 0.2 FEB.-2018
Electrical Characteristics (Continued)
(VDVDD=3.3V, VAVDD=VREF=16.5V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCOM Buffer (VCOM)
Resolution
7
Bits
Integral Nonlinearity Error
INL
-4
+4
LSB
Differenttial Nonlinearity Error
DNL
-1
+1
LSB
AVDD to VSET Ration
VAVDD/VSET
20
V/V
SET Sink Current
ISET
Through RSET
120
uA
SET Zero Scale Error
SETZSE
-1
+1
+2
LSB
SET Full Scale Error
SETFSE
-4
+4
LSB
Output Swing
VOH
VCOM=AVDD/2, ICOM=50mA
AVDD/2
-100
AVDD/2
-50
mV
VOL
VCOM=AVDD/2, ICOM=-50mA
AVDD/2
+50
AVDD/2
+100
mV
Short Circuit Current
IShort_OP
±150
mA
Load Regulation
LR
±0.5
±1.0
V/A
Slew Rate
SR
20
25
V/us
Settling Time
ts
5
us
Power Supply Rejection Ration
PSRR
60
dB
Bandwidth
BW
13
20
MHz
IIC Timer Characteristics
Input High Voltage Level
VIH_IIC
1.4
V
Input Low Voltage Level
VIL_IIC
0.4
V
Serial Clock Frequency
FSCL
0
1
MHz
Bus Free Time Between STOP and
START Conditions
tBUF
1.3
us
Hold Time START Condition
tHD, DAT
0.6
us
SCL Pulse-Width Low
tLOW
1.3
us
SCL Pulse-Width High
tHIGH
0.6
us
Setup Time for a Repeated START
Condition
tSU,STA
0.6
us
Data Hold Time
tHD, DAT
800
ns
Data Setup Time
tSU, DAT
100
ns
SDA and SCL Receiving Rise/Fall
Time
tR,F
20+0.1
CB
300
ns
SDA Transmitting Fall Time
tFF
20+0.1
CB
250
ns
Setup Time for STOP Condition
tSU,STO
0.6
us
Pulse Width of Suppressed Spike
tSP
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com