Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 29Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 30Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 31Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 32Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 32
 2018 Microchip Technology Inc.
7.0
HOST COMMUNICATIONS
Communication between the mXT1664T3 and the host is achieved using one of the following interfaces:
Any host interface can be used, depending on the needs of the user’s project, but only one interface can be used in any
one design.
7.1
Host Communication Mode Selection – COMMSEL Pin
The selection of the host I2C or USB interface is determined by connecting the COMMSEL pin according to Table 7-1.
7.2
I2C Mode Selection – I2CMODE Pin
The selection of the I2C or the HID-I2C mode is determined by connecting the I2CMODE pin according to Table 7-2.
7.2.1
AUTOMATIC SELECTION OF I2C AND HID-I2C MODES
If the I2CMODE pin is left floating (that is, automatic mode selection), the device will listen on both I2C addresses and
automatically select the protocol to be used depending on the first message received. In this case the ADDSEL pin
determines the primary and secondary I2C addresses, and these in turn determine the communications mode to be
used. If the primary I2C address is detected, I2C is used for communications; if the I2C secondary address is detected,
HID-I2C is used.
The selection of both the communications mode and the I2C addresses is summarized in Table 7-3.
•I2C (see Section 8.0 “I2C Communications”)
•HID-I2C (see Section 9.0 “HID-I2C Communications”)
• USB (see Section 10.0 “USB Communications”)
TABLE 7-1:
HOST INTERFACE SELECTION
COMMSEL
Interface Selected
Connected to GND
I2C
Pulled up to VddIO (1)
USB
Note
1:
Requires a pull-up resistor; see Section 2.0 “Schematics”
NOTE
In USB mode, the I2CMODE pin is unused and should be connected to GND.
TABLE 7-2:
I2C MODE SELECTION
I2CMODE
Interface Selected
Connected to GND
HID-I2C
Pulled up to VddIO (1)
I2C
Floating
Mode is selected according to the I2C address (as
determined by the ADDSEL pin). See Section 7.2.1
“Automatic Selection of I2C and HID-I2C Modes” for more
information.
Note
1:
Requires a pull-up resistor; see Section 2.0 “Schematics”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com