Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 56
 2018 Microchip Technology Inc.
FIGURE 10-16:
START DEBUG MONITORING – RESPONSE PACKET FORMAT
In Figure 10-16:
• Rpt ID is the same as that used in the command packet (either 0x01 or 0x02, as appropriate).
• Command ID is always 0xE1 (start debug monitoring command).
The debug data packet has the format given in Figure 10-17.
FIGURE 10-17:
DEBUG DATA PACKET FORMAT
In Figure 10-17:
• Packet Num is the number of this USB packet in the debug data frame (full set of debug data). Refer to
QTAN0050, Using the maXTouch Debug Port, for more information on the format of the debug data.
• Num Packets is the total number of USB packets that make up a debug data frame.
• Frame Num is the ID number of this frame.
• Data 0 to Data 59 are 59 bytes of debug data.
10.4.4
STOP DEBUG MONITORING
This command instructs the device to cease returning debug-monitoring data packets.
The command packet has the format given in Figure 10-18.
FIGURE 10-18:
STOP DEBUG MONITORING – COMMAND PACKET FORMAT
In Figure 10-18:
• Rpt ID can be either 0x01 or 0x02 (see Table 10-3 on page 50).
• Command ID is the command ID to stop debug monitoring (0xE2).
The response packet has the format given in Figure 10-19.
FIGURE 10-19:
STOP DEBUG MONITORING – RESPONSE PACKET FORMAT
In Figure 10-19:
• Rpt ID is the same as that used in the command packet (either 0x01 or 0x02, as appropriate).
• Command ID is always 0xE2 (stop debug monitoring command).
0xE1
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...
Packet
Num
Debug Data
Data 0
Data 59
Num
Packets
Frame
Num
Rpt ID
...
0xE2
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...
0xE2
Command
Received
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com