Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 67 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 67 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 67
• To configure the device, a configuration parameter is written to the appropriate object. For example, writing to the
Power Configuration T7 configures the power consumption for the device and writing to the touchscreen Multiple
Touch Touchscreen T100 object sets up the touchscreen. Some objects are optional and need to be enabled
before use.
12.4
Reading from the Device
Status information is stored in the Message Processor T5 object. This object can be read to receive any status
information from the device. The following mechanisms provide an interrupt-style interface for reading messages in the
Message Processor T5 object:
• The CHG line is asserted whenever a new message is available in the Message Processor T5 object (see
Section 8.6 “CHG Line”). See Section 8.4 “Reading From the Device” for information on the format of the I2C read
operation.
• When using the USB interface, the interface provides an interrupt-driven interface that sends the messages
automatically (see Section 10.4.1.3 “Reading From the Device”).
• When using the HID-I2C interface, the interface provides an interrupt-driven interface that sends the messages
automatically (see Section 9.5.1.3 “Reading From the Device”)
Note that the host should always wait to be notified of messages. The host should not poll the device for messages.
IMPORTANT!
When the host issues any command within an object that results in a flash write to the device Non-
Volatile Memory (NVM), that object should have its CTRL RPTEN bit set to 1, if it has one. This
ensures that a message from the object writing to the NVM is generated at the completion of the
process and an assertion of the CHG line is executed.
The host must also ensure that the assertion of the CHG line refers to the expected object report
ID before asserting the RESET line to perform a reset. Failure to follow this guidance may result in
a corruption of device configuration area and the generation of a CFGERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com