Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MXT1664T3-C2TESSQTP Datasheet(PDF) 48 Page - Microchip Technology

Part # MXT1664T3-C2TESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2TESSQTP Datasheet(HTML) 48 Page - Microchip Technology

Back Button MXT1664T3-C2TESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-C2TESSQTP Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 48
 2018 Microchip Technology Inc.
9.6.3
MAXIMUM TOUCHES REPORT
Read this report to receive the maximum number of touches (surface contacts) that can currently be reported.
Write this report to set the maximum number of touches to be reported.
The format of the Maximum Touches report packet is shown in Figure 9-15. Each Maximum Touch report is 18 bytes
long and contains a single byte giving the maximum number of touches to be reported.
FIGURE 9-15:
MAXIMUM TOUCHES REPORT FORMAT
In Figure 9-15:
• Rpt ID is the HID-I2C report ID used for Maximum Touches reports (see Table 9-2 on page 40).
• Max Touch is the maximum number of touches to be reported by the device.
9.6.4
TOUCH HARDWARE QUALITY ASSURANCE (THQA) REPORT
The THQA data is reported to Microsoft Windows using the THQA report ID (see Table 9-2 on page 40 for the value).
The content of this data is defined by Microsoft.
9.7
CHG Line
The CHG line is used to implement the HID-I2C interrupt line. It provides a level triggered interrupt to the host to indicate
when there is one or more reports to be read. The CHG line will be pulled low when a report is ready and will remain
low as long as there are further reports to be read. Once the last report is read the CHG line will go high.
9.8
SDA, SCL
Identical to standard I2C operation. See Section 8.7 “SDA and SCL”.
9.9
Clock Stretching
Identical to standard I2C operation. See Section 8.8 “Clock Stretching”.
9.10
Power Control
The mXT1664T3 supports the use of the HID-I2C SET POWER commands to put the device into a low power state.
9.11
Microsoft Windows Compliance
The mXT1664T3 has algorithms within the Multiple Touch Touchscreen T100 object specifically to ensure compliance
with Microsoft Windows 8.x and later versions.
The device also supports Microsoft Touch Hardware Quality Assurance (THQA) in the Serial Data Command T68 object.
Refer to the Microsoft whitepaper How to Design and Test Multitouch Hardware Solutions for Windows 8.
These, and other device features, may need specific tuning.
NOTE
The number of touches cannot be set to more than the maximum number of touches configured in the
device by the Multiple Touch Touchscreen T100 object.
Maximum
Number of
Touches
Reported
Max Touch
Reserved
(16 Bytes)
0x00
0x00
...
Rpt ID
NOTE
In order to comply with the HID-I2C specification, Communications Configuration T18 MODE should be
set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com